Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR14 Datasheet(PDF) 39 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 35Page - STMicroelectronics CR14 Datasheet HTML 36Page - STMicroelectronics CR14 Datasheet HTML 37Page - STMicroelectronics CR14 Datasheet HTML 38Page - STMicroelectronics CR14 Datasheet HTML 39Page - STMicroelectronics CR14 Datasheet HTML 40Page - STMicroelectronics CR14 Datasheet HTML 41Page - STMicroelectronics CR14 Datasheet HTML 42Page - STMicroelectronics CR14 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
CR14
9 DC and AC parameters
39/46
Table 12.
I²C AC Characteristics
Symbol
Alt.
Parameter
Fast I²C
400 kHz
I²C
100 kHz
Unit
Min
Max
Min
Max
tCH1CH2
(1)
1.
Sampled only, not 100% tested.
tR
Clock Rise Time
300
1000
ns
tCL1CL2
(1)
tF
Clock Fall Time
300
300
ns
tDH1DH2
(1)
tR
SDA Rise Time
20
300
20
1000
ns
tDL1DL2
(1)
tF
SDA Fall Time
20
300
20
300
ns
tCHDX
(2)
2.
For a reSTART condition, or following a write cycle.
tSU:STA
Clock High to Input Transition
600
4700
ns
tCHCL
tHIGH
Clock Pulse Width High
600
4000
ns
tDLCL
tHD:STA
Input Low to Clock Low (START)
600
4000
ns
tCLDX
tHD:DAT
Clock Low to Input Transition
0
0
µs
tCLCH
tLOW
Clock Pulse Width Low
1.3
4.7
µs
tDXCX
tSU:DAT
Input Transition to Clock Transition
100
250
ns
tCHDH
tSU:STO
Clock High to Input High (STOP)
600
4000
ns
tDHDL
tBUF
Input High to Input Low (Bus Free)
1.3
4.7
µs
tCLQV
tAA
Clock Low to Data Out Valid
1000
3500
ns
tCLQX
tDH
Data Out Hold Time After Clock Low
200
200
ns
fC
fSCL
Clock Frequency
400
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com