Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS1026T Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACS1026T
Description  AC switch family Transient protected AC switch ACSTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1026T Datasheet(HTML) 2 Page - STMicroelectronics

  ACS1026T Datasheet HTML 1Page - STMicroelectronics ACS1026T Datasheet HTML 2Page - STMicroelectronics ACS1026T Datasheet HTML 3Page - STMicroelectronics ACS1026T Datasheet HTML 4Page - STMicroelectronics ACS1026T Datasheet HTML 5Page - STMicroelectronics ACS1026T Datasheet HTML 6Page - STMicroelectronics ACS1026T Datasheet HTML 7Page - STMicroelectronics ACS1026T Datasheet HTML 8Page - STMicroelectronics ACS1026T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1 Characteristics
ACS102-6T
2/11
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C, unless otherwise specified)
Table 2.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
IT(RMS) RMS on-state current (full sine wave)
TO-92
Tamb = 100 °C
0.2
A
SO-08
Tamb = 100 °C
ITSM
Non repetitive surge peak on-state current
(full cycle sine wave, Tj initial = 25 °C)
f = 60 Hz
t = 16.7 ms
7.6
A
f = 50 Hz
t = 20 ms
7.3
I²t
I²t Value for fusing
tp = 10 ms
0.38
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2xIGT, tr ≤ 100 ns
f = 120 Hz
Tj = 125 °C
50
A/µs
VPP
Non repetitive line peak mains voltage(1)
1.
according to test described by IEC 61000-4-5 standard and Figure 16
Tj = 25 °C
2kV
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
1A
VGM
Peak positive gate voltage
Tj = 125 °C
10
V
PG(AV) Average gate power dissipation
Tj = 125 °C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-30 to +125
°C
Symbol
Test conditions
Quadrant
Value
Unit
IGT
(1)
1.
minimum IGT is guaranteed at 10% of IGT max
VOUT = 12 V, RL = 33 Ω
II - III
MAX
5
mA
VGT
II - III
MAX
0.9
V
VGD
VOUT = VDRM, RL =3.3 kΩ, Tj = 125 °C
II - III
MIN
0.15
V
IH
(2)
2.
for both polarities of OUT referenced to COM
IOUT = 100 mA
MAX
20
mA
IL
(2)
IG = 1.2 x IGT
MAX
25
mA
dV/dt (2)
VOUT = 67% VDRM, gate open, Tj = 125 °C
MIN
300
V/µs
(dI/dt)c (2)
Without snubber (15 V/µs), turn-off time
≤ 20 ms, Tj = 125 °C
MIN
0.15
A/ms
VCL
ICL = 0.1 mA, tp = 1 ms, Tj = 125 °C
MIN
650
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com