Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS1026T Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACS1026T
Description  AC switch family Transient protected AC switch ACSTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1026T Datasheet(HTML) 4 Page - STMicroelectronics

  ACS1026T Datasheet HTML 1Page - STMicroelectronics ACS1026T Datasheet HTML 2Page - STMicroelectronics ACS1026T Datasheet HTML 3Page - STMicroelectronics ACS1026T Datasheet HTML 4Page - STMicroelectronics ACS1026T Datasheet HTML 5Page - STMicroelectronics ACS1026T Datasheet HTML 6Page - STMicroelectronics ACS1026T Datasheet HTML 7Page - STMicroelectronics ACS1026T Datasheet HTML 8Page - STMicroelectronics ACS1026T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1 Characteristics
ACS102-6T
4/11
Figure 3.
Relative variation of junction to
ambient thermal impedance vs
pulse duration and package
Figure 4.
Relative variation of gate trigger
current, holding current and
latching current vs junction
temperature
Figure 5.
Non repetitive surge peak on-state
current vs number of cycles
Figure 6.
Non repetitive surge peak on-state
current for a sinusoidal pulse with
width tp<10 ms, and corresponding
value of I²t (Tj initial = 25 °C).
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z
th(j-a)/Rth(j-a)]
TO-92
t (S)
P
SO-8
0.0
0.5
1.0
1.5
2.0
2.5
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
I
GT,IH,IL [Tj]/IGT,IH,IL [Tj=25°C]
Tj(°C)
I
L & IH
I
GT
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
Number of cycles
ITSM(A)
Non repetitive
Tj initial=25°C
Repetitive
T
amb=100°C
One cycle
t=20ms
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0.01
0.10
1.00
10.00
I
TSM(A), I²t (A²s)
Tj initial=25°C
I
TSM
I²t
(ms)
tp



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com