Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS1026T Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACS1026T
Description  AC switch family Transient protected AC switch ACSTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1026T Datasheet(HTML) 5 Page - STMicroelectronics

  ACS1026T Datasheet HTML 1Page - STMicroelectronics ACS1026T Datasheet HTML 2Page - STMicroelectronics ACS1026T Datasheet HTML 3Page - STMicroelectronics ACS1026T Datasheet HTML 4Page - STMicroelectronics ACS1026T Datasheet HTML 5Page - STMicroelectronics ACS1026T Datasheet HTML 6Page - STMicroelectronics ACS1026T Datasheet HTML 7Page - STMicroelectronics ACS1026T Datasheet HTML 8Page - STMicroelectronics ACS1026T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ACS102-6T
1 Characteristics
5/11
Figure 7.
On-state characteristics (maximal
values)
Figure 8.
SO-8 junction to ambient thermal
resistance versus copper surface
under tab (PCB FR4, copper
thickness 35 µm)
Figure 9.
Relative variation of critical rate of
decrease of main current (di/dt)c
versus junction temperature
Figure 10. Relative variation of critical rate of
decrease of main current (di/dt)c vs
(dV/dt)c, with turn-off time < 20 ms
Figure 11. Relative variation of static dV/dt
versus junction temperature
Figure 12. Relative variation of the maximal
clamping voltage versus junction
temperature (min value)
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ITM(A)
T
j max.:
V
to= 0.8 V
R
d= 500 mΩ
Tj=25°C
Tj=125°C
VTM(V)
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
R
th(j-a)(°C/W)
SO-8
SCU(mm²)
(dI/dt) [T ] / (dI/dt) [T =125 °C]
cc
jj
0
2
4
6
8
10
12
14
16
18
20
55
65
75
85
95
105
115
125
T (°C)
j
V
out = 400 V
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
(dV/dt)c (V/µs)
V
out = 400 V
0
1
2
3
4
5
6
7
8
25
50
75
100
125
dV/dt [Tj]/ dV/dt[T j=125°C]
V
out=400V
Tj(°C)
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
-25
0
25
50
75
100
125
V
CL [Tj]/ VDRM
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com