Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS1026T Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACS1026T
Description  AC switch family Transient protected AC switch ACSTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1026T Datasheet(HTML) 3 Page - STMicroelectronics

  ACS1026T Datasheet HTML 1Page - STMicroelectronics ACS1026T Datasheet HTML 2Page - STMicroelectronics ACS1026T Datasheet HTML 3Page - STMicroelectronics ACS1026T Datasheet HTML 4Page - STMicroelectronics ACS1026T Datasheet HTML 5Page - STMicroelectronics ACS1026T Datasheet HTML 6Page - STMicroelectronics ACS1026T Datasheet HTML 7Page - STMicroelectronics ACS1026T Datasheet HTML 8Page - STMicroelectronics ACS1026T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACS102-6T
1 Characteristics
3/11
Table 3.
Static electrical characteristics
Table 4.
Thermal resistance
Symbol
Test conditions
Value
Unit
VTM
(1)
1.
for both polarities of OUT referenced to COM
ITM= 0.3 A, tp = 380 µs
Tj = 25 °C
MAX
1.2
V
VTO
(1)
Tj = 125 °C
MAX
0.80
V
RD
(1)
Tj = 125 °C
MAX
500
m
Ω
IDRM
IRRM
VOUT = 600 V
Tj = 25 °C
MAX
2µA
Tj = 125 °C
0.2
mA
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to lead (AC)
TO-92
60
°C/W
Rth (j-a)
Junction to ambient
TO-92
150
S = 40 mm²
SO-8
150
Figure 1.
Maximum power dissipation vs RMS
on-state current (full cycle)
Figure 2.
RMS on-state current vs ambient
temperature (full cycle)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
P (W)
I(A)
T(RMS)
α=180°
180°
I
(A)
T(RMS)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0
25
50
75
100
125
a=180°
Printed circuit board FR4
Natural convection
T°C
amb



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com