Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23738136 Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # 23738136
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23738136 Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button 23738136 Datasheet HTML 33Page - Toshiba Semiconductor 23738136 Datasheet HTML 34Page - Toshiba Semiconductor 23738136 Datasheet HTML 35Page - Toshiba Semiconductor 23738136 Datasheet HTML 36Page - Toshiba Semiconductor 23738136 Datasheet HTML 37Page - Toshiba Semiconductor 23738136 Datasheet HTML 38Page - Toshiba Semiconductor 23738136 Datasheet HTML 39Page - Toshiba Semiconductor 23738136 Datasheet HTML 40Page - Toshiba Semiconductor 23738136 Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
MODEL
Rated voltage
Power consumption
(at g 220 V, 50 Hz)
Dimensions
(Width
× Depth × Height)
Mass
Picture tube
Channel
coverage
Special RF
signal
Television system
(Aerial input)
Color system
NTSC4.43, PAL 60Hz
Sound system
5.5/6.0/6.5 MHz
UHF
21 – 69
21 – 69
13 – 57
21 – 69
21 – 69
14 – 69
13 – 62
CATV (Channels)
X ~ Z+2, S1 ~ S41
—
Z–1 ~ Z–38
X ~ Z+2, S1 ~ S41
X1 ~ X19
A–6 ~ A–1, A ~ W, AA ~ ZZ, AAA, BBB
M1 ~ M10, S1 ~ S41
CCIR
UK
CHINA
CCIR
OIRT
US
JAPAN
480i, 480p, 576i, 576p
(These signal formats are converted to match the peculiar
scanning system)
PAL/SECAM/NTSC4.43/NTSC3.58
10 W
× 2
6
× 12cm (2)
Input [a(1)]
: S-Video/Video, Audio L/MONO, Audio R
Input [a(2)/DVD]
: Video/Y, PB/CB/,PR/CR, Audio L/MONO, Audio R
Input [a(3)]
: Video, Audio L/MONO, Audio R
Output [>(MONITOR)] : Video, Audio L/MONO, Audio R
Headphone output
: ø 3.5mm (mini jack stereo type)
VHF
2 – 12
—
1 – 12
2 – 12
1 – 12
2 – 13
1 – 12
System
PAL
B/G
PAL
I
PAL
D/K
SECAM
B/G
SECAM
D/K
NTSC
M
NTSC
M
29CZ8URB/29CZ8URS
g 220 V – 240 V, 50 Hz
170 W
782.1(W)
× 492.5(D) × 585.1(H) mm
44 kg
Type 29
Flat super crystal picture tube
(727.4mm) Overall picture tube measured diagonally
(676mm) Viewable picture tube measured diagonally
104
° deflection
Channel
COMPONENT VIDEO INPUT
terminals (signal format)
Color system
Sound output
Speaker
Terminals
– END –
SPECIFICATIONS
* Please refer to owner’s manual in details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com