Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23738136 Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # 23738136
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23738136 Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button 23738136 Datasheet HTML 24Page - Toshiba Semiconductor 23738136 Datasheet HTML 25Page - Toshiba Semiconductor 23738136 Datasheet HTML 26Page - Toshiba Semiconductor 23738136 Datasheet HTML 27Page - Toshiba Semiconductor 23738136 Datasheet HTML 28Page - Toshiba Semiconductor 23738136 Datasheet HTML 29Page - Toshiba Semiconductor 23738136 Datasheet HTML 30Page - Toshiba Semiconductor 23738136 Datasheet HTML 31Page - Toshiba Semiconductor 23738136 Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
– 28 –
Location
Parts No.
Description
No.
Location
Parts No.
Description
No.
QB03
23205372
TRANSISTOR 2SA1980-Y (BULK)
QB20
23205320
TRANSISTOR RN1201(F)
QB21
23205376
TRANSISTOR 2SC5343-Y (BULK)
QB30
23205358
TRANSISTOR KTC3875S Y/P
QD01
23009522
IC MSP3410G
QD03
23205347
TRANSISTOR KTC4075Y/P
QD04
23205347
TRANSISTOR KTC4075Y/P
QI16
23205214
TRANSISTOR NPN R1=R2=10KOHM SRC1202U (SOT-323)
QI17
23205214
TRANSISTOR NPN R1=R2=10KOHM SRC1202U (SOT-323)
QP01
23085829
IC PIXCELWORKS SCALAR
QP02
23085029
IC BA15BC0FP-E2
QP03
23085026
IC BA33BC0FP-E2
QP04
23085026
IC BA33BC0FP-E2
QP05
23085030
IC BA18BC0FP
QP06
23000904
IC BA25BC0FP
QP07
23085030
IC BA18BC0FP
QP08
23085827
IC CMOS SDRAM
QS01
23205347
TRANSISTOR KTC4075Y/P
QS02
23205347
TRANSISTOR KTC4075Y/P
QS03
23205424
TRANSISTOR KTC2875B/P
QS04
23205424
TRANSISTOR KTC2875B/P
QT01
#1 23085828
IC TELETEXT DECOCER
QT02
#1 23205357
TRANSISTOR KTA1504S Y/P
QT03
#1 23205206
TRANSISTOR NPN R1=R2=10KOHM SRC1202S (SOT-23)
QT04
#1 23205357
TRANSISTOR KTA1504S Y/P
QT05
#1 23205357
TRANSISTOR KTA1504S Y/P
QT06
#1 23205357
TRANSISTOR KTA1504S Y/P
QV01
23085371
IC MM1495XF
QV02
23205376
TRANSISTOR 2SC5343-Y (BULK)
QV03
23205347
TRANSISTOR KTC4075Y/P
QX01
23085309
IC TA1317ANG
QX03
23205358
TRANSISTOR KTC3875S Y/P
QX04
23205358
TRANSISTOR KTC3875S Y/P
QX07
23205327
TRANSISTOR RN1406(F)
QX08
23205327
TRANSISTOR RN1406(F)
QX53
23205347
TRANSISTOR KTC4075Y/P
QY01
23085835
IC VIDEO DECORDER Y/C SEPA
QY02
23205358
TRANSISTOR KTC3875S Y/P
QY07
23205358
TRANSISTOR KTC3875S Y/P
QY08
23205357
TRANSISTOR KTA1504S Y/P
QY09
23205358
TRANSISTOR KTC3875S Y/P
QY10
23205357
TRANSISTOR KTA1504S Y/P
QY11
23205358
TRANSISTOR KTC3875S Y/P
QY12
23205357
TRANSISTOR KTA1504S Y/P
QY13
23205358
TRANSISTOR KTC3875S Y/P
QY14
23205357
TRANSISTOR KTA1504S Y/P
QY15
23205358
TRANSISTOR KTC3875S Y/P
QY16
23205357
TRANSISTOR KTA1504S Y/P
MISCELLANEOUS
B102
23974994
BAND
B207
23738088
SCREW BTBW3X12 ECO
B211
23738086
SCREW BTB4X16 ECO
B212
23845859
HOLDER WIRE PVC-C0AT L=70MM
B214
23738088
SCREW BTBW3X12ECO
BB01A
23713729
SOCKET B-B 8P 2.5MM
BB02A
23713202
SOCKET B-B 16P
BB02B
23713201
PLUG B-B 16P
C822A
23960136
ADHESIVE SILICONE TSE3843-W
D444B
23717240
SCREW
D444E
23960136
ADHESIVE SILICONE TSE3843-W
D801B
23738136
SCREW 3X10MM
E947
23965900
TAPE GLASS-CLOTH W/ADHESIVE W=18 T=0.18
z F470
23144210
FUSE 250V 1A
F470A
23165469
FUSE HOLDER 5.2 DFH-001
F470B
23165469
FUSE HOLDER 5.2 DFH-001
z F801
23144330
FUSE CARTRIDGE 250V 5A 5.2X20
F801A
23165469
FUSE HOLDER 5.2 DFH-001
z F801B
23165469
FUSE HOLDER 5.2 DFH-001
F802
23144302
FUSE CARTRIDGE 250V 4A 5.2X20
F802A
23165469
FUSE HOLDER 5.2 DFH-001
F802B
23165469
FUSE HOLDER 5.2 DFH-001
J03C
23171400
WIRE PVC SOLDER-PLATED 300V 7/16 BRN UL CSA
J05E
23171400
WIRE PVC SOLDER-PLATED 300V 7/16 BRN UL CSA
KB01A
23965241
TAPE CC #12 10MM L30M
M461A
23192244
CABLE ANODE CAP ASSY TCC5600BD
M461B
23507789
CABLE FOCUS
M461C
23507817
CABLE SCREEN
N01A
23960136
ADHESIVE SILICONE TSE3843-W
N02B
23960136
ADHESIVE SILICONE TSE3843-W
N03C
23965241
TAPE CC #12 10MM L30M
N04D
23965241
TAPE CC #12 10MM L30M
N05E
23965241
TAPE CC #12 10MM L30M
N07G
23960136
ADHESIVE SILICONE TSE3843-W
N724
23965900
TAPE GLASS-CLOTH W/ADHESIVE W=18 T=0.18
N728
23960101
SILICONE RUBBER TSE-382 RTV
P107
23713756
PLUG 5P 2.5MM G B5B-EH-F1-TV4
P206
23713757
PLUG 6P 2.5MM G B6B-EH-F1-TV4
P501B
23713758
PLUG 7P 2.5MM G B7B-EH-F1-TV4
P511B
23713756
PLUG 5P 2.5MM G B5B-EH-F1-TV4
P601
23713755
PLUG 4P 2.5MM G B4B-EH-F1-TV4
P661
23023116
PLUG HEAD PHONE JACK 3.5MM PJ3-14-7
P701A
23713776
PLUG 3P 2.5MM W S3B-EH
P701B
23713754
PLUG 3P 2.5MM G B3B-EH-F1-TV4
P704A
23713755
PLUG 4P 2.5MM G B4B-EH-F1-TV4
P704B
23713755
PLUG 4P 2.5MM G B4B-EH-F1-TV4
z P801
23372344
POWER CORD CEE FL250V2.5A NT009AV - 2.5M
P810A
23164725
PLUG 2P
P810B
23164725
PLUG 2P
P903A
23713758
PLUG 7P 2.5MM G B7B-EH-F1-TV4
P903B
23713758
PLUG 7P 2.5MM G B7B-EH-F1-TV4
P910
23164725
PLUG 2P
PD01
23023448
PLUG PLUG 8P FULL B8PS-TB-2 (LF)(SN)
PD02
23023394
PLUG B15PS-TB-2
PP01A
23713731
SOCKET B-B 25P 1.5MM JDV-R25LB-10-1
PP01B
23713716
PLUG B-B 1.5MM 25P JDV-PS25LB-10-1
PP02A
23713731
SOCKET B-B 25P 1.5MM JDV-R25LB-10-1
PP02B
23713716
PLUG B-B 1.5MM 25P JDV-PS25LB-10-1
PV02
23023258
JACK 3P MTJ-032-39BBA-432
PV03
23023429
JACK 11P+1SV (4SW) -852V2-01 NI FE LF
Q301B
23717241
SCREW BITTB3X8 ECO
Q404C
23717240
SCREW
Q404F
23960136
ADHESIVE SILICONE TSE3843-W
Q610B
23717241
SCREW BITTB3X8 ECO
Q821B
23717240
SCREW
Q822B
23717240
SCREW
Q823B
23717240
SCREW
Q824B
23717240
SCREW
Q830B
23717240
SCREW
Q840B
23717240
SCREW
RA98A
23965241
TAPE CC #12 10MM L30M
z S801
23344527
SWITCH POWER KDC-A11(E221)
SA01
23344516
SWITCH TACTING TSV TYP TSVB-1
SA02
23344516
SWITCH TACTING TSV TYP TSVB-1
SA03
23344516
SWITCH TACTING TSV TYP TSVB-1
SA04
23344516
SWITCH TACTING TSV TYP TSVB-1
SA06
23344516
SWITCH TACTING TSV TYP TSVB-1
SA07
23344516
SWITCH TACTING TSV TYP TSVB-1
z SR83
23146585
RELAY DC12V 2M G5PA-2 DC12
z V901A
23903174
SOCKET CRT ISH46S-EN ING
V901B
23102508
MAGNET MAG4009
V901D
23528016
RUBBER WEDGE MEDIUM W10H15L50 TRWMED01T
V901M
23102558
MAGNET PC MAG-1122
W661
23351292
SPEAKER SPK1410AM 60X120 8-OHM 10W
W662
23351292
SPEAKER SPK1410AM 60X120 8-OHM 10W
X501
23153721
CERAMIC RESONATOR 503KHZ
XA01
23153568
CERAMIC RESONATOR 16MHZ 50OHM TCR1084AM
XA30
23153568
CERAMIC RESONATOR 16MHZ 50OHM TCR1084AM
XD01
23153490
CRYSTAL 18.432 20PPM CL=13PF
XP01
23153606
CRYSTAL RESONATOR 10MHZ
XT01
#1 23153930
CRYSTAL
XX51
23153721
CERAMIC RESONATOR 503KHZ
XY01
23153841
CRYSTAL 42.0 25PPM 60OHM 7PF
Z889
23144263
PROTECTOR 491SERIES 125V 4A
Z890
23144264
PROTECTOR 491SERIES 125V 5A
Z891
23144264
PROTECTOR 491SERIES 125V 5A
PC BOARD ASSEMBLIES
*
U901
23764381
PC BOARD ASSY CRT/D PD2211
*
U902
23764554
PC BOARD ASSY MAIN PD2252
*
U903A #1 23764749
PC BOARD ASSY DIGITAL PD2215B-1
*
#2 23764746
PC BOARD ASSY DIGITAL PD2215A-1
*
U903B
23764384
PC BOARD ASSY MTS PD2215-2
*
U904
23764555
PC BOARD ASSY FRONT PD2216D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com