Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23738136 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # 23738136
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23738136 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button 23738136 Datasheet HTML 6Page - Toshiba Semiconductor 23738136 Datasheet HTML 7Page - Toshiba Semiconductor 23738136 Datasheet HTML 8Page - Toshiba Semiconductor 23738136 Datasheet HTML 9Page - Toshiba Semiconductor 23738136 Datasheet HTML 10Page - Toshiba Semiconductor 23738136 Datasheet HTML 11Page - Toshiba Semiconductor 23738136 Datasheet HTML 12Page - Toshiba Semiconductor 23738136 Datasheet HTML 13Page - Toshiba Semiconductor 23738136 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
– 10 –
WIDTH
(WID)
E-W PARABOLA
(PARA)
WHITE BALANCE
ADJUSTMENT
• CUTOFF ADJUSTMENT
(RCUT)
(GCUT)
(BCUT)
• DRIVE ADJUSTMENT
(GDRV)
(BDRV)
1. Call up the adjustment mode display, then select the item WID.
2. Press the ; – /+ button to get the picture so the left and rightedges of raster begins
to lack.
3. Press the ; – /+ button to advance the data by 7 steps.
Note: Check the horizontal picture position is correct.
1. Call up the adjustment mode display, then select the item PARA.
2. Press the a button on Remote until the cross-hatch pattern appears on the screen.
3. Press the ; – /+ button to make vertical lines straight as shown below.
1. Set Contrast to 40, and brightness to +20 by picture control.
2. Receive the Black and White pattern.
3. Select RCUT, GCUT, BCUT, GDRV and BDRV with CH s, t buttons. Press volume
; – /+ buttons to set individual values to initial reference data.
4. Press
button on the remote control and rotate Screen VR to get one slight
horizontal line on screen.
Note: Every pressing of
button provides Horizontal line picture and Normal
picture alternately.
5. Press
button to release horizontal line picture, and select the two other colors
which did not light in the above step with CH s, t buttons. Then tap ; – /+ buttons
so that three colors slightly light in the same level.
X To correct white balance in light area,
select GDRV and BDRV with CH s, t
buttons to adjust.
X To correct white balance in dark area,
perform fine adjustment of RCUT, GCUT
and BCUT.
ITEM
ADJUSTMENT PROCEDURE
Light area check
(to show white)
Dark area check
(to show black)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com