Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23738136 Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # 23738136
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23738136 Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button 23738136 Datasheet HTML 11Page - Toshiba Semiconductor 23738136 Datasheet HTML 12Page - Toshiba Semiconductor 23738136 Datasheet HTML 13Page - Toshiba Semiconductor 23738136 Datasheet HTML 14Page - Toshiba Semiconductor 23738136 Datasheet HTML 15Page - Toshiba Semiconductor 23738136 Datasheet HTML 16Page - Toshiba Semiconductor 23738136 Datasheet HTML 17Page - Toshiba Semiconductor 23738136 Datasheet HTML 18Page - Toshiba Semiconductor 23738136 Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
– 15 –
CHAPTER 2 SPECIFIC INFORMATIONS
SETTING & ADJUSTING DATA
SAFETY INSTRUCTIONS
SERVICE MODE
ADJUSTING ITEMS AND DATAS IN THE SERVICE MODE:
Table-1
Table-2
DESIGN MODE
ADJUSTING ITEMS AND DATAS IN THE DESIGN MODE:
29"
HIGH VOLTAGE AT ZERO BEAM:
(A)
30.5 kV
MAX HIGH VOLTAGE:
(B)
34.0 kV
AC VOLTAGE
(C)
220~240 V
RCUT
R CUTOFF
20H
←
GCUT
G CUTOFF
20H
←
BCUT
B CUTOFF
20H
←
GDRV
G DRIVE
40H
←
BDRV
B DRIVE
40H
←
BRTC
BRIGHTNESS CENTER
C0H
←
BRTR
BRIGHTNESS RGB
3FH
←
BRTO
BRIGHTNESS OSD
00H
←
CNTC
CONTRAST CENTER
3FH
←
SCNT
SUB CONTRAST (TV)
08H
←
SCNV
SUB CONTRAST (VIDEO)
0AH
←
CNTR
CONTRAST RGB
63H
←
CNTO
CONTRAST OSD
03H
←
COLC
COLOR CEN NTSC
57H
←
COLP
COLOR CEN PAL
57H
←
COLS
COLOR CEN SECAM
49H
←
TNTCN TINT CENTER NTSC
47H
←
TNTCP TINT CENTER PAL
3FH
←
HPOS
576i 100Hz
3AH
41H
VPOS
V-POSITION
83H
94H
HIT
HEIGHT
6BH
41H
VLIN
V-LINEARITY
0FH
0CH
VPS
V-SHIFT
3EH
←
Item
Name of adjustment
Data
Preset
WID
PICTURE WIDTH
50H
5CH
PARA
E-W PARABOLA
1BH
31H
CNR
E-W CORNER
11H
←
TRAP
TRAPEZIUM
2FH
4CH
CPAR
CENT PARABOLA
07H
←
TCNR
EW TOP CORNER
0AH
17H
BCNR
EW BOTTOM CORNER
11H
15H
CSAW
CENTER SAW
09H
07H
NHPO
NTSC H-POSITION
03H
←
SCNT
NTSC V-POSITION
04H
98H
NHIT
NTSC HIGHT
00H
37H
NVLI
NTSC V-LINEARITY
00H
0DH
NVPS
NTSC V-SHIFT
3EH
←
NWID
NTSC PICTURE WIDTH
03H
52H
NPAR
NTSC E-W PARABOLA
01H
29H
NCNR
NTSC E-W CORNER
00H
←
NTRA
NTSC TRAPEZIUM
00H
4CH
NCPAR NTSC CENT PARABOLA
00H
08H
NTCNR NTSC TOP CORNER
00H
15H
NBCNR NTSC BOTTOM CORNER
00H
13H
NCSAW NTSC CENTER SAW
FFH
07H
GMF
Geomagnetic
00H
04H
Item
Name of adjustment
Data
Preset
Item
Name of adjustment
Reset
OPT0
OPTION 0
07H
OPT1
OPTION 1
10H
OPT2
OPTION 2
03H
Table-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com