Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43771FBZ-13-FZ95 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP43771FBZ-13-FZ95
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771FBZ-13-FZ95 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP43771FBZ-13-FZ95 Datasheet HTML 1Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 2Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 3Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 4Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 5Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 6Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 7Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 8Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AP43771
Document number: DS41431 Rev. 6 - 3
5 of 10
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP43771
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC PIN SECTION
VST
Startup Voltage
—
2.7
2.8
3.2
V
VUVLO
Minimum Operating Voltage
—
2.6
2.7
3
V
VCC_HYS
VCC Hysteresis (VST-VUVLO)
—
0.1
—
—
V
ICC_DEEP SLEEP
VIN Current in Deep Sleep Mode
CC1/2 Detach after 3s
—
550
700
µA
ICC_OPR
Operating Supply Current
—
—
3.3
6
mA
VOLTAGE CONTROL LOOP SECTION
VREF_CV5
Reference Voltage for 5V CV Control
—
0.49
0.5
0.51
V
VREF_CV9
Reference Voltage for 9V CV Control
—
0.88
0.90
0.92
V
VREF_CV12
Reference Voltage for 12V CV Control
—
1.17
1.20
1.23
V
VCABLE
Cable Compensation (Note 6)
—
24
30
36
mV/A
IOS
Maximum OCDRV Pin Sink Current
VOUT = 4V
10
16
30
mA
PROTECTION FUNCTION SECTION
VOVP5V
OVP_5V Enable Voltage (Note 7)
—
5.5
6
6.5
V
VOVP9V
OVP_9V Enable Voltage (Note 7)
—
9.9
10.8
12.1
V
VOVP12V
OVP_12V Enable Voltage (Note 7)
—
13.2
14.4
16.2
V
tDEBOUNCE_OVP
OVP Debounce Time (Note 9)
—
—
90
—
ms
VUVP5V
UVP_5V Enable Voltage
—
3.4
3.8
4.2
V
VUVP9V
UVP_9V Enable Voltage
—
6.1
6.8
7.5
V
VUVP12V
UVP_12V Enable Voltage
—
8.2
9.1
10
V
IOVD
Over Voltage Discharge Current
—
—
240
—
mA
tOCP
OCP Deglitch Time (Note 8)
—
—
30
—
ms
tRESTART_INTERVAL_SCP
Restart Interval Time under SCP (Note 8)
—
—
0.8
—
s
TOTP
Internal OTP Temperature
—
—
+140
—
°C
IOTP_EXTERNAL
External OTP Current
—
—
100
—
µA
Notes:
6. Cable compensation voltage can be adjusted by setting from 0 to VCABLE*N, (N: 0 to 7).
7. 120% OVP setting.
8. Guaranteed by design.
9. OVP blanking time during VO transition from high output voltage to low output voltage, such as 9V to 5V, or 12V to 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com