Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43771FBZ-13-FZ95 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP43771FBZ-13-FZ95
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771FBZ-13-FZ95 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP43771FBZ-13-FZ95 Datasheet HTML 2Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 3Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 4Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 5Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 6Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 7Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 8Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 9Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AP43771
Document number: DS41431 Rev. 6 - 3
6 of 10
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP43771
Electrical Characteristics (@TA = +25°C, unless otherwise specified.) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
PROTECTION FUNCTION SECTION
THYS
OTP Recovery Hysteresis
Temperature
—
—
+25
—
°C
tSLEEP
Enter Sleep Mode Time after Cable
Detached (Note 8)
—
—
3
—
s
tOV_DELAY
Delay from OVP Threshold Trip to
NMOS Gate Turn-Off (Note 8)
—
—
—
50
µs
tUV_DELAY
Delay from UVP Threshold Trip to
NMOS Gate Turn-Off (Note 8)
—
—
30
—
ms
CC1/CC2, DP/DN PIN SECTION
VL_RD3A
Low Voltage Threshold Used to
Distinguish RD Attached or
Detached for 3A Delivery
—
—
1.35
—
V
VH_RD3A
High Voltage Threshold Used to
Distinguish RD Attached or
Detached for 3A Delivery
—
—
2.0
—
V
IRD3A
CC1/CC2 Current Source for 3A
Advertisement
—
304
330
356
µA
V
OVP_DN
DN Line Over Voltage Protection
Threshold
—
4.2
4.5
4.8
V
V
OVP_DP
DP Line Over Voltage Protection
Threshold
—
4.2
4.5
4.8
V
Note:
8. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com