Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43771FBZ-13-FZ95 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP43771FBZ-13-FZ95
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771FBZ-13-FZ95 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP43771FBZ-13-FZ95 Datasheet HTML 1Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 2Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 3Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 4Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 5Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 6Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 7Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 8Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP43771
Document number: DS41431 Rev. 6 - 3
3 of 10
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP43771
Functional Block Diagram
VCC
LDO 5V/1.8V
OSC
Digital Control Logic
USB Type C
QC 3.0
QC 2. 0
Protection
( OCP, UVP, SCP, OTP & OVP)
CC1
CC2
OTP
DP
DN
OCDRV
CC / CV
ISENP
VBUS
SENSE
PWR_EN
13
10
11
5
7
4
3
2
1
12
14
9
8
V 5V
IFB
VFB
6
GND
QC 4/4+
BMCTxRx
OTP/MTP
ROM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com