Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43771FBZ-13-FZ95 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP43771FBZ-13-FZ95
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771FBZ-13-FZ95 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP43771FBZ-13-FZ95 Datasheet HTML 1Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 2Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 3Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 4Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 5Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 6Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 7Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 8Page - Diodes Incorporated AP43771FBZ-13-FZ95 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP43771
Document number: DS41431 Rev. 6 - 3
1 of 10
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP43771
HIGH-PERFORMANCE USB PD CONTROLLER
Description
The
DIODES™ AP43771 is a highly integrated USB Type-C® power
delivery controller and targeted for USB Type-C adapter and charger
application. It is compatible with Qualcomm® QC4/QC4+ protocol,
which supports USB power delivery specification Rev3.0 V1.2
(including optional PPS support).
The AP43771 can support PPS APDO (Augmented Power Data
Object) with 20mV/step voltage resolution and 50mA/step current
resolution
for
power
management.
What’s more, cable-loss
compensation and SOP command for e-Marker detection are
embedded too.
The AP43771 can provide robust protection scheme with built-in
OVP/OCP/SCP/OTP features.
There are rich power functions embedded on the chip so as to reduce
total BOM. A one-time
–programmable ROM is provided for main
firmware, and multi-time-programmable ROM is provided for user
configuration data.
Features
Compatible with USB PD Rev3.0 V1.2
USB-IF PD3.0/PPS Certificated TID = 1090028
Qualcomm QC4/4+ Protocol Certificated
OTP (One-Time-Programmable) for Main Firmware
MTP (Multi-Time-Programmable) for System Configuration
Built-in Regulator for CV and CC Control
Support SCP/OTP/OVP/UVP with Auto Restart
Support Power Saving Mode
External N-MOSFET Control for VBUS Power Delivery
Support e-Marker Cable Detection
Operating Voltage Range: 3.3V to 16V
Fewest External Component Count
TID (1090028) for USB PD 3.0 PPS Compliance Test
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
W-DFN3030-14 (Type A1)
VFB
1
2
3
4
5
6
14
13
12
11
10
9
PWR_EN
ISENP
VCC
OCDRV
IFB
VBUS
CC1
GND
CC2
DP
DN
7
8
V5V
OTP
Top View
Applications
Type-C USB adapters/chargers
USB PD converters
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for
more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Qualcomm is a trademark of Qualcomm Incorporated, registered in the United States and other countries.
USB Type-C and USB-C are registered trademarks of USB Implementers Forum.
NOT RECOMMENDED FOR NEW DESIGN
USE AP43771V


Similar Part No. - AP43771FBZ-13-FZ95

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP43771FBZ-13-FXX DIODES-AP43771FBZ-13-FXX Datasheet
538Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
October 2019 Rev. 5 - 2
More results

Similar Description - AP43771FBZ-13-FZ95

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
TEA19032BT NXP-TEA19032BT Datasheet
335Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1-9 February 2018
logo
Richtek Technology Corp...
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
NXP Semiconductors
TEA19032CT NXP-TEA19032CT Datasheet
336Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1 ??15 March 2019
logo
Diodes Incorporated
AP43770 DIODES-AP43770 Datasheet
361Kb / 9P
HIGH-PERFORMANCE USB PD CONTROLLER
July 2020
AP43771V DIODES-AP43771V Datasheet
792Kb / 14P
HIGH-PERFORMANCE USB PD CONTROLLER
Rev. 5 - 2 December 2021
logo
Richtek Technology Corp...
RT1711P RICHTEK-RT1711P Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com