Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRX Datasheet(PDF) 91 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 91 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 87Page - STMicroelectronics LSM6DSRX Datasheet HTML 88Page - STMicroelectronics LSM6DSRX Datasheet HTML 89Page - STMicroelectronics LSM6DSRX Datasheet HTML 90Page - STMicroelectronics LSM6DSRX Datasheet HTML 91Page - STMicroelectronics LSM6DSRX Datasheet HTML 92Page - STMicroelectronics LSM6DSRX Datasheet HTML 93Page - STMicroelectronics LSM6DSRX Datasheet HTML 94Page - STMicroelectronics LSM6DSRX Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 171 page
background image
10
Embedded functions register mapping
The table given below provides a list of the registers for the embedded functions available in the device and
the corresponding addresses. Embedded functions registers are accessible when FUNC_CFG_EN is set to '1' in
FUNC_CFG_ACCESS (01h).
Table 179. Register address map - embedded functions
Name
Type
Register address
Default
Comment
Hex
Binary
PAGE_SEL
RW
02
00000010
00000001
RESERVED
-
03
00000011
EMB_FUNC_EN_A
RW
04
00000100
00000000
EMB_FUNC_EN_B
RW
05
00000101
00000000
PAGE_ADDRESS
RW
08
00001000
00000000
PAGE_VALUE
RW
09
00001001
00000000
EMB_FUNC_INT1
RW
0A
00001010
00000000
FSM_INT1_A
RW
0B
00001011
00000000
FSM_INT1_B
RW
0C
00001100
00000000
MLC_INT1
RW
0D
00001101
00000000
EMB_FUNC_INT2
RW
0E
00001110
00000000
FSM_INT2_A
RW
0F
00001111
01101011
FSM_INT2_B
RW
10
00010000
00000000
MLC_INT2
RW
11
00010001
00000000
EMB_FUNC_STATUS
R
12
00010010
output
FSM_STATUS_A
R
13
00010011
output
FSM_STATUS_B
R
14
00010100
output
MLC_STATUS
R
15
00010101
output
PAGE_RW
RW
17
00010111
00000000
RESERVED
-
18-43
EMB_FUNC_FIFO_CFG
RW
44
01000100
00000000
FSM_ENABLE_A
RW
46
01000110
00000000
FSM_ENABLE_B
RW
47
01000111
00000000
FSM_LONG_COUNTER_L
RW
48
01001000
00000000
FSM_LONG_COUNTER_H
RW
49
01001001
00000000
FSM_LONG_COUNTER_CLEAR
RW
4A
01001010
00000000
FSM_OUTS1
R
4C
01001100
output
FSM_OUTS2
R
4D
01001101
output
FSM_OUTS3
R
4E
01001110
output
FSM_OUTS4
R
4F
01001111
output
FSM_OUTS5
R
50
01010000
output
FSM_OUTS6
R
51
01010001
output
LSM6DSRX
Embedded functions register mapping
DS13007 - Rev 3
page 91/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com