Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRX Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 28Page - STMicroelectronics LSM6DSRX Datasheet HTML 29Page - STMicroelectronics LSM6DSRX Datasheet HTML 30Page - STMicroelectronics LSM6DSRX Datasheet HTML 31Page - STMicroelectronics LSM6DSRX Datasheet HTML 32Page - STMicroelectronics LSM6DSRX Datasheet HTML 33Page - STMicroelectronics LSM6DSRX Datasheet HTML 34Page - STMicroelectronics LSM6DSRX Datasheet HTML 35Page - STMicroelectronics LSM6DSRX Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 171 page
background image
•
the chain for OIS/EIS where the ODR is at 6.66 kHz and the LPF1 is available. The LPF1 configuration
depends on the setting of the FTYPE_[1:0] _OIS bit in register CTRL2_OIS (71h); for more details about the
filter characteristics see Table 160. Gyroscope OIS chain digital LPF1 filter bandwidth selection. Gyroscope
output values are in registers 22h to 27h with the selected full scale (FS[1:0]_G_OIS bit in CTRL1_OIS
(70h)).
6.5
OIS
This paragraph describes OIS functionality and the dedicated accelerometer-gyroscope DSP chain.
There is a dedicated gyroscope and accelerometer DSP for OIS.
Other features can be configured:
•
Self-test on OIS side
•
DEN on OIS side
The camera module is completely independent from the application processor as shown in Figure 22.
The Auxiliary SPI can configure OIS functionality through INT_OIS (6Fh), CTRL1_OIS (70h), CTRL2_OIS (71h),
CTRL3_OIS (72h).
Reading from the Auxiliary SPI is enabled only when the OIS_EN_SPI2 bit in the CTRL1_OIS (70h) register is set
to '1'. This bit also turns on the gyroscope OIS chain.
The Primary Interface can access the OIS control registers (INT_OIS (6Fh), CTRL1_OIS (70h), CTRL2_OIS
(71h), CTRL3_OIS (72h)) in read mode.
Figure 22. Auxiliary SPI full control (a) and enabling primary interface (b)
6x
UI/OIS
AP
I3C/SPI/I2C
Camera Module
OIS Driver
Image
Sensor
Actuator
SPI_Aux
6x
UI/OIS
AP
I3C/SPI/I2C
Camera Module
OIS Driver
Image
Sensor
Actuator
SPI_Aux
(a)
(b)
LSM6DSRX
OIS
DS13007 - Rev 3
page 32/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com