Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRX Datasheet(PDF) 31 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 27Page - STMicroelectronics LSM6DSRX Datasheet HTML 28Page - STMicroelectronics LSM6DSRX Datasheet HTML 29Page - STMicroelectronics LSM6DSRX Datasheet HTML 30Page - STMicroelectronics LSM6DSRX Datasheet HTML 31Page - STMicroelectronics LSM6DSRX Datasheet HTML 32Page - STMicroelectronics LSM6DSRX Datasheet HTML 33Page - STMicroelectronics LSM6DSRX Datasheet HTML 34Page - STMicroelectronics LSM6DSRX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 171 page
background image
Table 18. Gyroscope LPF2 bandwidth selection
Gyroscope ODR [Hz]
LPF2 cutoff [Hz]
12.5
4.3
26
8.3
52
16.7
104
33
208
67
417
133
833
267
1667
539
3333
1137
6667
3333
Data can be acquired from the output registers and FIFO over the primary I²C/I3C/SPI interface.
•
Mode 3 / Mode 4 (for OIS and EIS functionality)
Figure 21. Gyroscope digital chain - Mode 3 / Mode 4 (OIS/EIS)
ADC
Digital
HP Filter
HP_EN_G
0
1
HP_EN_OIS
Digital
LP Filter
FTYPE[1:0]_OIS
LPF1
1
0
SPI /
I2C /
MIPI I3CSM
FIFO
Digital
LP Filter
ODR_G[3:0]
LPF2
SPI_Aux
ODR Gyro
@6.6 kHz
(1) (2)
(3)
(3)
FSM / MLC
1.
When Mode3/4 is enabled, the LPF1 filter is not available in the gyroscope UI chain.
2.
It is recommended to avoid using the LPF1 filter in Mode1/2 when Mode3/4 is intended to be used.
3.
HP_EN_OIS can be used to select the HPF on the OIS path only if the HPF is not used in the UI chain. If
both the HP_EN_G bit and HP_EN_OIS bit are set to 1, the HP filter is applied to the UI chain only.
Note: When S4S is enabled in the UI chain, the HPF is not available in the OIS chain.
The auxiliary interface needs to be enabled in CTRL1_OIS (70h).
In Mode 3/4 configuration, there are two paths:
•
the chain for User Interface (UI) where the ODR is selectable from 12.5 Hz up to 6.66 kHz
LSM6DSRX
Block diagram of filters
DS13007 - Rev 3
page 31/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com