Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRX Datasheet(PDF) 122 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 122 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 118Page - STMicroelectronics LSM6DSRX Datasheet HTML 119Page - STMicroelectronics LSM6DSRX Datasheet HTML 120Page - STMicroelectronics LSM6DSRX Datasheet HTML 121Page - STMicroelectronics LSM6DSRX Datasheet HTML 122Page - STMicroelectronics LSM6DSRX Datasheet HTML 123Page - STMicroelectronics LSM6DSRX Datasheet HTML 124Page - STMicroelectronics LSM6DSRX Datasheet HTML 125Page - STMicroelectronics LSM6DSRX Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 171 page
background image
12
Embedded advanced features pages
The table given below provides a list of the registers for the embedded advanced features page 0. These
registers are accessible when PAGE_SEL[3:0] are set to 0000 in PAGE_SEL (02h).
Table 290. Register address map - embedded advanced features page 0
Name
Type
Register address
Default
Comment
Hex
Binary
MAG_SENSITIVITY_L
RW
BA
10111010
00100100
MAG_SENSITIVITY_H
RW
BB
10111011
00010110
MAG_OFFX_L
RW
C0
11000000
00000000
MAG_OFFX_H
RW
C1
11000001
00000000
MAG_OFFY_L
RW
C2
11000010
00000000
MAG_OFFY_H
RW
C3
11000011
00000000
MAG_OFFZ_L
RW
C4
11000100
00000000
MAG_OFFZ_H
RW
C5
11000101
00000000
MAG_SI_XX_L
RW
C6
11000110
00000000
MAG_SI_XX_H
RW
C7
11000111
00111100
MAG_SI_XY_L
RW
C8
11001000
00000000
MAG_SI_XY_H
RW
C9
11001001
00000000
MAG_SI_XZ_L
RW
CA
11001010
00000000
MAG_SI_XZ_H
RW
CB
11001011
00000000
MAG_SI_YY_L
RW
CC
11001100
00000000
MAG_SI_YY_H
RW
CD
11001101
00111100
MAG_SI_YZ_L
RW
CE
11001110
00000000
MAG_SI_YZ_H
RW
CF
11001111
00000000
MAG_SI_ZZ_L
RW
D0
11010000
00000000
MAG_SI_ZZ_H
RW
D1
11010001
00111100
MAG_CFG_A
RW
D4
11010100
00000101
MAG_CFG_B
RW
D5
11010101
00000010
The following table provides a list of the registers for the embedded advanced features page 1. These registers
are accessible when PAGE_SEL[3:0] are set to 0001 in PAGE_SEL (02h).
LSM6DSRX
Embedded advanced features pages
DS13007 - Rev 3
page 122/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com