Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRX Datasheet(PDF) 134 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 134 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 130Page - STMicroelectronics LSM6DSRX Datasheet HTML 131Page - STMicroelectronics LSM6DSRX Datasheet HTML 132Page - STMicroelectronics LSM6DSRX Datasheet HTML 133Page - STMicroelectronics LSM6DSRX Datasheet HTML 134Page - STMicroelectronics LSM6DSRX Datasheet HTML 135Page - STMicroelectronics LSM6DSRX Datasheet HTML 136Page - STMicroelectronics LSM6DSRX Datasheet HTML 137Page - STMicroelectronics LSM6DSRX Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 171 page
background image
13.2.6
PEDO_SC_DELTAT_L (D0h) and PEDO_SC_DELTAT_H (D1h)
Time period register for step detection on delta time (r/w)
Table 350. PEDO_SC_DELTAT_L register
PD_SC_7
PD_SC_6
PD_SC_5
PD_SC_4
PD_SC_3
PD_SC_2
PD_SC_1
PD_SC_0
Table 351. PEDO_SC_DELTAT_H register
PD_SC_15
PD_SC_14
PD_SC_13
PD_SC_12
PD_SC_11
PD_SC_10
PD_SC_9
PD_SC_8
Table 352. PEDO_SC_DELTAT_H/L register description
PD_SC_[15:0]
Time period value (1LSB = 6.4 ms)
13.2.7
MLC_MAG_SENSITIVITY_L (E8h) and MLC_MAG_SENSITIVITY_H (E9h)
External magnetometer sensitivity value register for the Machine Learning Core (r/w).
This register corresponds to the LSB-to-gauss conversion value of the external magnetometer sensor. The
register value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5
exponent bits; F: 10 fraction bits). Default value of MLC_MAG_S_[15:0] is 0x3C00, corresponding to 1 gauss/
LSB.
Table 353. MLC_MAG_SENSITIVITY_L register
MLC_
MAG_S_7
MLC_
MAG_S_6
MLC_
MAG_S_5
MLC_
MAG_S_4
MLC_
MAG_S_3
MLC_
MAG_S_2
MLC_
MAG_S_1
MLC_
MAG_S_0
Table 354. MLC_MAG_SENSITIVITY_L register description
MLC_MAG_S_[7:0]
External magnetometer sensitivity (LSbyte). Default value: 00000000
Table 355. MLC_MAG_SENSITIVITY_H register
MLC_
MAG_S_15
MLC_
MAG_S_14
MLC_
MAG_S_13
MLC_
MAG_S_12
MLC_
MAG_S_11
MLC_
MAG_S_10
MLC_
MAG_S_9
MLC_
MAG_S_8
Table 356. MLC_MAG_SENSITIVITY_H register description
MLC_MAG_S_[15:8]
External magnetometer sensitivity (MSbyte). Default value: 00111100
LSM6DSRX
Page 1 - Embedded advanced features registers
DS13007 - Rev 3
page 134/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com