Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSB712
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSB712 Datasheet HTML 5Page - STMicroelectronics TSB712 Datasheet HTML 6Page - STMicroelectronics TSB712 Datasheet HTML 7Page - STMicroelectronics TSB712 Datasheet HTML 8Page - STMicroelectronics TSB712 Datasheet HTML 9Page - STMicroelectronics TSB712 Datasheet HTML 10Page - STMicroelectronics TSB712 Datasheet HTML 11Page - STMicroelectronics TSB712 Datasheet HTML 12Page - STMicroelectronics TSB712 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SR
Slew rate
3 V step, RL = 10 kΩ, CL = 100 pF,
AV = 1 V/V, 10% to 90%
7.5
11
V/µs
THD+N
Total harmonic
distorsion + noise
VIN = 0.1 Vrms , RL = 10 kΩ,
AV = +1,
f = 1 kHz, BW = 22 kHz
0.0022
%
VIN = 0.1 Vrms , RL = 1 kΩ, AV = +1,
f = 1 kHz, BW = 22 kHz
0.0024
Φm
Phase margin
At gain = +10, 25 °C, 10 kΩ, 100 pF
63
ᵒ
CLOAD
Capacitive load drive
100(4)
pF
en
Input voltage noise
density
f = 10 Hz
20
nV/√Hz
f = 100 Hz
13
f = 10 kHz
12
en p-p
Input noise voltage
0.1 Hz ≤ f ≤ 10 Hz
0.8
µVPP
in
Input current noise
density
f = 1 kHz
0.15(5)
pA/√Hz
1. See Input offset voltage drift over the temperature in application information.
2. Current is positive when it is sinked into the op-amp.
3. Iio is defined as |Iibp – Iibn|.
4. For higher capacitive values see Figure 23. Phase margin vs. output current at VCC = 5 V and Figure 25. Phase margin vs.
capacitive load
5. Theoretical value of the input current noise density based on the measurement of the input transistor base current:
in= 2.q.ib
TSB7191, TSB7191A, TSB7192, TSB7192A
Electrical characteristics
DS12641 - Rev 5
page 9/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com