Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TSB712
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TSB712 Datasheet HTML 26Page - STMicroelectronics TSB712 Datasheet HTML 27Page - STMicroelectronics TSB712 Datasheet HTML 28Page - STMicroelectronics TSB712 Datasheet HTML 29Page - STMicroelectronics TSB712 Datasheet HTML 30Page - STMicroelectronics TSB712 Datasheet HTML 31Page - STMicroelectronics TSB712 Datasheet HTML 32Page - STMicroelectronics TSB712 Datasheet HTML 33Page - STMicroelectronics TSB712 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
List of figures
Figure 1.
Pin connections (top view) ............................................................ 2
Figure 2.
Pin connections (top view) ............................................................ 2
Figure 3.
Supply current vs. supply voltage ...................................................... 10
Figure 4.
Input offset voltage distribution at VCC = 5 V TSB7191A, TSB7192A .............................. 10
Figure 5.
Input offset voltage distribution at VCC = 36 V TSB7191A, TSB7192A ............................. 10
Figure 6.
Input offset voltage vs. temperature at VCC = 5 V ........................................... 10
Figure 7.
Input offset voltage vs. temperature at VCC = 36 V .......................................... 11
Figure 8.
Input offset voltage thermal coefficient distribution at VCC = 5 V ................................. 11
Figure 9.
Input offset voltage vs. supply voltage ................................................... 11
Figure 10.
Input offset voltage vs. common mode voltage at VCC = 5 V .................................... 11
Figure 11.
Input offset voltage vs. common mode voltage at VCC = 36 V ................................... 11
Figure 12.
Input bias current vs. temperature at VICM = VCC / 2 ......................................... 11
Figure 13.
Output current vs. output voltage at
VCC = 5 V ....................................... 12
Figure 14.
Input bias current vs. common mode voltage at VCC = 5 V ..................................... 12
Figure 15.
Input bias current vs. common mode voltage at VCC = 36 V .................................... 12
Figure 16.
Output current vs. output voltage at VCC = 36 V ............................................ 12
Figure 17.
Output voltage (VOH) vs. supply voltage.................................................. 12
Figure 18.
Output voltage (VOL) vs. supply voltage .................................................. 12
Figure 19.
Positive slew rate at VCC = 36 V ....................................................... 13
Figure 20.
Negative slew rate at VCC = 36 V ...................................................... 13
Figure 21.
Bode diagram at VCC = 5 V .......................................................... 13
Figure 22.
Bode diagram at VCC = 36 V ......................................................... 13
Figure 23.
Phase margin vs. output current at VCC = 5 V .............................................. 13
Figure 24.
Phase margin vs. output current at VCC = 36 V ............................................. 13
Figure 25.
Phase margin vs. capacitive load ...................................................... 14
Figure 26.
Small step response vs. time at VCC = 5 V ................................................ 14
Figure 27.
Desaturation time at low rail at VCC = 5 V................................................. 14
Figure 28.
Desaturation time at high rail at VCC = 5 V ................................................ 14
Figure 29.
Small step response vs. time at VCC = 36 V ............................................... 14
Figure 30.
Amplifier behavior close to the low rail at VCC = 36 V......................................... 14
Figure 31.
Amplifier behavior close to the high rail at VCC = 36 V ........................................ 15
Figure 32.
Noise vs. frequency at VCC = 5 V ...................................................... 15
Figure 33.
Noise vs. frequency at VCC = 36 V ..................................................... 15
Figure 34.
Noise vs. time at VCC = 36 V ......................................................... 15
Figure 35.
THD+N vs. frequency .............................................................. 15
Figure 36.
THD+N vs. output voltage ........................................................... 15
Figure 37.
PSRR vs. frequency at VCC = 10 V ..................................................... 16
Figure 38.
CMRR vs. frequency at VCC = 10 V..................................................... 16
Figure 39.
Channel separation vs. frequency at VCC = 36 V............................................ 16
Figure 40.
Input current limitation .............................................................. 17
Figure 41.
Rail-to-rail input stage .............................................................. 18
Figure 42.
EMIRR on In+, In- and out pins........................................................ 20
Figure 43.
Proposed circuit configuration for unity gain stability ......................................... 21
Figure 44.
Small step response vs. time in follower configuration ........................................ 21
Figure 45.
Small step response vs. time in the proposed compensated circuit configuration ...................... 21
Figure 46.
Low-side current sensing schematic .................................................... 23
Figure 47.
SOT23-5 package outline ........................................................... 24
Figure 48.
MiniSO8 package outline ............................................................ 26
TSB7191, TSB7191A, TSB7192, TSB7192A
List of figures
DS12641 - Rev 5
page 32/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com