Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSB712
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSB712 Datasheet HTML 14Page - STMicroelectronics TSB712 Datasheet HTML 15Page - STMicroelectronics TSB712 Datasheet HTML 16Page - STMicroelectronics TSB712 Datasheet HTML 17Page - STMicroelectronics TSB712 Datasheet HTML 18Page - STMicroelectronics TSB712 Datasheet HTML 19Page - STMicroelectronics TSB712 Datasheet HTML 20Page - STMicroelectronics TSB712 Datasheet HTML 21Page - STMicroelectronics TSB712 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
5.3
Rail-to-rail input stage
The TSB7191, TSB7191A, TSB7192 and TSB7192A devices are built with two complementary NPN and PNP
input differential pairs, as shown in the figure below.
Figure 41. Rail-to-rail input stage
VCC
GND
[ … ]
[ … ]
[ … ]
[ … ]
In
Ip
Nn
Np
VIN
VIP
Pn
Pp
The device has rail-to-rail inputs, and the input common mode range is extended from VCC- to (VCC+) + 0.1 V.
However, the performance of these devices is optimized for the P-channel differential pair (which means from
VCC- to (VCC+) - 1.5 V). Around (VCC+) – 1 V, and with slight variations depending on the process, a transition
occurs between the P-channel and the N-channel differential pair, impacting the input offset voltage (see
Figure 10. Input offset voltage vs. common mode voltage at VCC = 5 V and Figure 11. Input offset voltage vs.
common mode voltage at VCC = 36 V). As a consequence, CMRR can be degraded around this transition region.
In order to achieve the best possible performance, this operating point should be avoided.
Please also notice that the input bias current polarity depends on the operation of NPN or PNP input stage. This
transition is visible in figures Figure 14. Input bias current vs. common mode voltage at VCC = 5 V and
Figure 15. Input bias current vs. common mode voltage at VCC = 36 V.
5.4
Input offset voltage drift over the temperature
The maximum input voltage drift variation over temperature is defined as the offset variation related to the offset
value measured at 25 °C. The operational amplifier is one of the main circuits of the signal conditioning chain, and
the amplifier input offset is a major contributor to the chain accuracy. The signal chain accuracy at 25 °C can be
compensated during the production at application level. The maximum input voltage drift overtemperature enables
the system designer to anticipate the effect of temperature variations. The maximum input voltage drift
overtemperature is computed using the following formula:
ΔVioΔT=maxVioT−Vio25°C
T−25°C T=−40°CandT=125°C
(1)
The datasheet maximum value is guaranteed by a measurement on a representative sample size ensuring a Cpk
(process capability index) greater than 1.3.
TSB7191, TSB7191A, TSB7192, TSB7192A
Rail-to-rail input stage
DS12641 - Rev 5
page 18/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com