Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSB712
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSB712 Datasheet HTML 16Page - STMicroelectronics TSB712 Datasheet HTML 17Page - STMicroelectronics TSB712 Datasheet HTML 18Page - STMicroelectronics TSB712 Datasheet HTML 19Page - STMicroelectronics TSB712 Datasheet HTML 20Page - STMicroelectronics TSB712 Datasheet HTML 21Page - STMicroelectronics TSB712 Datasheet HTML 22Page - STMicroelectronics TSB712 Datasheet HTML 23Page - STMicroelectronics TSB712 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
The Vio final drift, in µV, to be measured on the device in real operation conditions can be computed from:
(8)
Vio final drifttop,Top,VCC =∆Vio, 25°C. top.eβ.VCC−VCC nom.eEak. 1297− 1Top
Where:
ΔVio is the long term drift parameter in µV.month-1/2
top is the operating time seen by the device, in months
Top is the operating temperature
VCC is the power supply during operating time
VCC nom is the nominal VCC at which the ΔVio is computed (36 V for the TSB7192A).
Ea is the activation energy of the technology (here 0.7 eV).
5.6
EMI rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op-amps is a change in the offset voltage as a result of RF
signal rectification. EMIRR is defined as follows:
EMIRR=20.log VinppΔVio
(9)
The TSB7191, TSB7191A, TSB7192 and TSB7192A have been specially designed to minimize susceptibility to
EMIRR and shows a low sensitivity. As visible on figure below, EMI rejection ratio has been measured on both
inputs and outputs, from 400 MHz to 2.4 GHz.
Figure 42. EMIRR on In+, In- and out pins
EMIRR performance might be improved by adding small capacitances (in the pF range) on the inputs, power
supply and output pins. These capacitances help in minimizing the impedance of these nodes at high frequencies.
5.7
Minimum gain
The TSB7191 and TSB7192 series is non-compensated op-amp, and thus it is not stable at unity gain. The
minimum gain advised for this family is +10 or -9, for a capacitive load Cload = 100 pF; that guarantees a good
stability at all biases and temperatures. For a lower gain, the TSB712 series must be preferred.
However, a TSB7191 and TSB7192 op-amp can be used in follower mode at low frequency, provided that the
circuit is externally compensated. This can be useful for the second channel, when the TSB7192 frequency or
slew rate performance is needed for the first channel. In this case, the circuit topology described in the figure
below can be used. At low frequency, the circuit behaves as a follower, but at high frequency (>1 MHz), the circuit
is stabilized by attenuating the feedback injected into the negative input.
TSB7191, TSB7191A, TSB7192, TSB7192A
EMI rejection
DS12641 - Rev 5
page 20/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com