Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSB712A
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSB712A Datasheet HTML 8Page - STMicroelectronics TSB712A Datasheet HTML 9Page - STMicroelectronics TSB712A Datasheet HTML 10Page - STMicroelectronics TSB712A Datasheet HTML 11Page - STMicroelectronics TSB712A Datasheet HTML 12Page - STMicroelectronics TSB712A Datasheet HTML 13Page - STMicroelectronics TSB712A Datasheet HTML 14Page - STMicroelectronics TSB712A Datasheet HTML 15Page - STMicroelectronics TSB712A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Figure 13. Output current vs. output voltage at
VCC = 5 V
Figure 14. Input bias current vs. common mode voltage at
VCC = 5 V
Figure 15. Input bias current vs. common mode voltage at
VCC = 36 V
Figure 16. Output current vs. output voltage at VCC = 36 V
Figure 17. Output voltage (VOH) vs. supply voltage
Figure 18. Output voltage (VOL) vs. supply voltage
TSB7191, TSB7191A, TSB7192, TSB7192A
Typical performance characteristics
DS12641 - Rev 5
page 12/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com