Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712A Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSB712A
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSB712A Datasheet HTML 26Page - STMicroelectronics TSB712A Datasheet HTML 27Page - STMicroelectronics TSB712A Datasheet HTML 28Page - STMicroelectronics TSB712A Datasheet HTML 29Page - STMicroelectronics TSB712A Datasheet HTML 30Page - STMicroelectronics TSB712A Datasheet HTML 31Page - STMicroelectronics TSB712A Datasheet HTML 32Page - STMicroelectronics TSB712A Datasheet HTML 33Page - STMicroelectronics TSB712A Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Contents
1
Pin description ....................................................................2
2
Absolute maximum ratings and operating conditions ..............................3
3
Electrical characteristics...........................................................4
4
Typical performance characteristics ..............................................10
5
Application information ...........................................................17
5.1
Operating voltages ............................................................ 17
5.2
Input pin voltage range ......................................................... 17
5.3
Rail-to-rail input stage.......................................................... 18
5.4
Input offset voltage drift over the temperature ...................................... 18
5.5
Long term input offset voltage drift ............................................... 19
5.6
EMI rejection ................................................................. 20
5.7
Minimum gain ................................................................ 20
5.8
Unused channel .............................................................. 22
5.9
Maximum power dissipation..................................................... 22
5.10
PCB layout recommendations ................................................... 22
5.11
Decoupling capacitor .......................................................... 22
6
Typical applications ..............................................................23
6.1
Low-side current sensing ....................................................... 23
7
Package information..............................................................24
7.1
SOT23-5 package information................................................... 24
7.2
MiniSO8 package information ................................................... 26
7.3
SO8 package information....................................................... 27
8
Ordering information .............................................................28
Revision history .......................................................................29
TSB7191, TSB7191A, TSB7192, TSB7192A
Contents
DS12641 - Rev 5
page 30/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com