Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712A Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSB712A
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSB712A Datasheet HTML 13Page - STMicroelectronics TSB712A Datasheet HTML 14Page - STMicroelectronics TSB712A Datasheet HTML 15Page - STMicroelectronics TSB712A Datasheet HTML 16Page - STMicroelectronics TSB712A Datasheet HTML 17Page - STMicroelectronics TSB712A Datasheet HTML 18Page - STMicroelectronics TSB712A Datasheet HTML 19Page - STMicroelectronics TSB712A Datasheet HTML 20Page - STMicroelectronics TSB712A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
5
Application information
5.1
Operating voltages
The TSB7191, TSB7191A, TSB7192 and TSB7192A devices can operate from 2.7 to 36 V. The parameters are
fully specified at 5 V and 36 V power supplies. However, the parameters are very stable over the full VCC range
and several characterization curves show the TSB7191, TSB7191A, TSB7192 and TSB7192A device
characteristics over the full operating range. Additionally, the main specifications are guaranteed in extended
temperature range from -40 to 125 °C.
5.2
Input pin voltage range
The TSB7191, TSB7191A, TSB7192 and TSB7192A devices have an internal ESD diode protection on the
inputs. These diodes are connected between the inputs and each supply rail to protect the input stage from
electrical discharge, as shown in the figure below.
Figure 40. Input current limitation
TSB7192
100Ω
100Ω
In-
In+
Out
Vcc+
Vcc-
-
+
Out
VCC -
VCC +
D1
D2
When the input pin voltage exceeds the power supply, the ESD diodes become conductive and, depending on
this voltage, excessive current can flow through them. Without limitation this overcurrent can damage the device.
In this case, the current has to be limited to 10 mA by adding a resistance in series with the input pin.
Similarly, in order to avoid excessive current in the protection diodes between the positive and negative inputs,
the differential voltage should be limited to ± 2 V, or the current limited to 10 mA. Such a high differential voltage
can be reached when the output is in saturation mode, or slew rate limited. In particular, it can happen when the
device is used in comparator mode.
The TSB7191, TSB7191A, TSB7192 and TSB7192A do not show any phase reversal for any input common
mode voltage inside the absolute maximum ratings (AMR) voltage window, (VCC-) - 200 mV < VICM < (VCC+) +
200 mV.
TSB7191, TSB7191A, TSB7192, TSB7192A
Application information
DS12641 - Rev 5
page 17/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com