Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSB712A
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712A Datasheet(HTML) 3 Page - STMicroelectronics

  TSB712A Datasheet HTML 1Page - STMicroelectronics TSB712A Datasheet HTML 2Page - STMicroelectronics TSB712A Datasheet HTML 3Page - STMicroelectronics TSB712A Datasheet HTML 4Page - STMicroelectronics TSB712A Datasheet HTML 5Page - STMicroelectronics TSB712A Datasheet HTML 6Page - STMicroelectronics TSB712A Datasheet HTML 7Page - STMicroelectronics TSB712A Datasheet HTML 8Page - STMicroelectronics TSB712A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
2
Absolute maximum ratings and operating conditions
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
+40 or ±20
V
Vid
Input voltage differential (2)
±2
V
Vin
Input voltage
(VCC-) - 0.2 to (VCC+) + 0.2
V
Iin
Input current (3)
±10
mA
Storage temperature
-65 to +150
°C
Rth-ja
Thermal resistance junction-to-ambient (4) (5)
°C / W
MiniSO-8
190
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model (6)
2
kV
CDM: charged device model (7)
1
kV
Latch-up immunity
100
mA
1. All voltage values, except the differential voltage are with respect to the network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. The maximum input
voltage differential value may be extended to the condition that the input current is limited to ±10 mA. See Input pin voltage
range.
3. Input current must be limited by a resistor in series with the inputs when the input voltage is beyond the rails (see Input pin
voltage range).
4. Short-circuits can cause excessive heating and destructive dissipation.
5. Rth are typical values.
6. Human body according to JEDEC standard JESD22-A114F.
7. According to ANSI/ESD STM5.3.1.
Table 4. Operating conditions
Symbol
Parameter
Value
VCC
Supply voltage
2.7 V to 36 V
Vicm
Common mode input voltage range
(VCC-) to (VCC+) + 0.1 V
Toper
Operating free air temperature range
-40 °C to +125 °C
TSB7191, TSB7191A, TSB7192, TSB7192A
Absolute maximum ratings and operating conditions
DS12641 - Rev 5
page 3/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com