Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9351 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC9351
Description  Low Voltage PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9351 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC9351 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC9351
TIMING SOLUTIONS
3
MOTOROLA
PIN CONFIGURATION
Pin
I/O
Type
Function
PCLK, PCLK
Input
LVPECL
Differential clock reference
Low voltage positive ECL input
TCLK
Input
LVCMOS
Single ended reference clock signal or test clock
EXT_FB
Input
LVCMOS
Feedback signal input, connect to a QA, QB, QC, QD output
REF_SEL
Input
LVCMOS
Selects input reference clock
FSELA
Input
LVCMOS
Output A divider selection
FSELB
Input
LVCMOS
Output B divider selection
FSELC
Input
LVCMOS
Outputs C divider selection
FSELD
Input
LVCMOS
Outputs D divider selection
OE
Input
LVCMOS
Output enable/disable
QA
Output
LVCMOS
Bank A clock output
QB
Output
LVCMOS
Bank B clock output
QC0, QC1
Output
LVCMOS
Bank C clock outputs
QD0 - QD4
Output
LVCMOS
Bank D clock outputs
VCCA
Supply
VCC
Positive power supply for the PLL
VCC
Supply
VCC
Positive power supply for I/O and core
GND
Supply
Ground
Negative power supply
FUNCTION TABLE
Control
Default
0
1
REF_SEL
0
Selects PCLK as reference clock
Selects TCLK as reference clock
PLL_EN
1
Test mode with PLL disabled. The input clock is
directly routed to the output dividers
PLL enabled. The VCO output is routed to the
output dividers
OE
0
Outputs enabled
Outputs disabled, PLL loop is open
VCO is forced to its minimum frequency
FSELA
0
QA = VCO
÷ 2
QA = VCO
÷ 4
FSELB
0
QB = VCO
÷ 4
QB = VCO
÷ 8
FSELC
0
QC = VCO
÷ 4
QC = VCO
÷ 8
FSELD
0
QD = VCO
÷ 4
QD = VCO
÷ 8
ABSOLUTE MAXIMUM RATINGSa
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
4.6
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage Temperature
-55
150
°C
a. Absolute maximum continuos ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not
implied.
GENERAL SPECIFICATIONS
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC B 2
V
MM
ESD (Machine Model)
200
V
HBM
ESD (Human Body Model)
2000
V
LU
Latch–Up
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
4.0
pF
Inputs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com