Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9351 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC9351
Description  Low Voltage PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9351 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC9351 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MPC9351
TIMING SOLUTIONS
9
MOTOROLA
Figure 8. Single versus Dual Waveforms
TIME (nS)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
Since this step is well above the threshold region it will not
cause any false clock triggering, however designers may be
uncomfortable with unwanted reflections on the line. To better
match the impedances when driving multiple lines the
situation in Figure 9.
“Optimized Dual Line Termination”
should be used. In this case the series terminating resistors
are reduced such that when the parallel combination is added
to the output buffer impedance the line impedance is perfectly
matched.
Figure 9. Optimized Dual Line Termination
14
Ω
MPC9351
OUTPUT
BUFFER
RS = 22Ω
ZO = 50Ω
RS = 22Ω
ZO = 50Ω
14
Ω + 22Ω k 22Ω = 50Ω k 50Ω
25
Ω = 25Ω
Figure 10. TCLK MPC9351 AC test reference for Vcc = 3.3V and Vcc = 2.5V
Figure 11. PCLK MPC9351 AC test reference
Pulse
Generator
Z = 50
W
RT = 50Ω
ZO = 50Ω
RT = 50Ω
ZO = 50Ω
MPC9351 DUT
VTT
VTT
Differential
Pulse Generator
Z = 50
W
RT = 50Ω
ZO = 50Ω
RT = 50Ω
ZO = 50Ω
MPC9351 DUT
VTT
VTT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com