Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9351 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC9351
Description  Low Voltage PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9351 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC9351 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC9351
TIMING SOLUTIONS
7
MOTOROLA
Calculation of part-to-part skew
The MPC9351 zero delay buffer supports applications
where critical clock signal timing can be maintained across
several devices. If the reference clock inputs (TCLK or PCLK)
of two or more MPC9351 are connected together, the
maximum overall timing uncertainty from the common TCLK
input to any output is:
tSK(PP) = t(
∅) + tSK(O) + tPD, LINE(FB) + tJIT(∅)  CF
This maximum timing uncertainty consist of 4
components: static phase offset, output skew, feedback
board trace delay and I/O (phase) jitter:
Figure 3. MPC9351 max. device-to-device skew
tPD,LINE(FB)
tJIT(
∅)
+tSK(O)
–t(
∅)
+t(
∅)
tJIT(
∅)
+tSK(O)
tSK(PP)
Max. skew
TCLKCommon
QFBDevice 1
Any QDevice 1
QFBDevice2
Any QDevice 2
Due to the statistical nature of I/O jitter a RMS value (1
s) is
specified. I/O jitter numbers for other confidence factors (CF)
can be derived from Table 8.
Table 8: Confidence Facter CF
CF
Probability of clock edge within the distribution
± 1s
0.68268948
± 2s
0.95449988
± 3s
0.99730007
± 4s
0.99993663
± 5s
0.99999943
± 6s
0.99999999
The feedback trace delay is determined by the board
layout and can be used to fine-tune the effective delay
through each device. In the following example calculation a
I/O jitter confidence factor of 99.7% (
± 3s) is assumed,
resulting in a worst case timing uncertainty from input to any
output of -251 ps to 351 ps relative to TCLK (VCC=3.3V and
fVCO = 400 MHz):
tSK(PP) =
[–50ps...150ps] + [–150ps...150ps] +
[(17ps
@ –3)...(17ps @ 3)] + tPD, LINE(FB)
tSK(PP) =
[–251ps...351ps] + tPD, LINE(FB)
Above equation uses the maximum I/O jitter number
shown in the AC characteristic table for VCC=3.3V (17 ps
RMS). I/O jitter is frequency dependant with a maximum at
the lowest VCO frequency (200 MHz for the MPC9351).
Applications using a higher VCO frequency exhibit less I/O
jitter than the AC characteristic limit. The I/O jitter
characteristics in Figure 4. and Figure 5. can be used to
derive a smaller I/O jitter number at the specific VCO
frequency, resulting in tighter timing limits in zero-delay mode
and for part-to-part skew tSK(PP).
Figure 4. Max. I/O Jitter (RMS) versus frequency for
VCC=2.5V
Figure 5. Max. I/O Jitter (RMS) versus frequency for
VCC=3.3V
Power Supply Filtering
The MPC9351 is a mixed analog/digital product. Its analog
circuitry is naturally susceptible to random noise, especially if
this noise is seen on the power supply pins. Noise on the
VCCA (PLL) power supply impacts the device characteristics,
for instance I/O jitter. The MPC9351 provides separate power
supplies for the output buffers (VCC) and the phase-locked
loop (VCCA) of the device.The purpose of this design
technique is to isolate the high switching noise digital outputs
from the relatively sensitive internal analog phase-locked
loop. In a digital system environment where it is more difficult
to minimize noise on the power supplies a second level of
isolation may be required. The simple but effective form of
isolation is a power supply filter on the VCCA pin for the
MPC9351. Figure 6. illustrates a typical power supply filter
scheme. The MPC9351 frequency and phase stability is
most susceptible to noise with spectral content in the 100kHz
to 20MHz range. Therefore the filter should be designed to
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com