Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9351 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC9351
Description  Low Voltage PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9351 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC9351 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MPC9351
MOTOROLA
TIMING SOLUTIONS
8
target this range. The key parameter that needs to be met in
the final filter design is the DC voltage drop across the series
filter resistor RF. From the data sheet the ICCA current (the
current sourced through the VCCA pin) is typically 3 mA (5 mA
maximum), assuming that a minimum of 2.325V (VCC=3.3V
or VCC=2.5V) must be maintained on the VCCA pin. The
resistor RF shown in Figure 6. “VCCA Power Supply Filter”
must have a resistance of 270
W (VCC=3.3V) or 9-10W
(VCC=2.5V) to meet the voltage drop criteria.
Figure 6. VCCA Power Supply Filter
VCCA
VCC
MPC9351
10 nF
RF = 270Ω for VCC = 3.3V
RF = 9–10Ω for VCC = 2.5V
CF
33...100 nF
RF
VCC
CF = 1 µF for VCC = 3.3V
CF = 22 µF for VCC = 2.5V
The minimum values for RF and the and the filter capacitor
CF are defined by the required filter characteristics: the RC
filter should provide an attenuation greater than 40 dB for
noise whose spectral content is above 100 kHz. In the
example RC filter shown in Figure 6. “VCCA Power Supply
Filter”, the filter cut-off frequency is around 3-5 kHz and the
noise attenuation at 100 kHz is better than 42 dB.
As the noise frequency crosses the series resonant point
of an individual capacitor its overall impedance begins to look
inductive and thus increases with increasing frequency. The
parallel capacitor combination shown ensures that a low
impedance path to ground exists for frequencies well above
the bandwidth of the PLL. Although the MPC9351 has
several design features to minimize the susceptibility to
power supply noise (isolated power and grounds and fully
differential PLL) there still may be applications in which
overall performance is being degraded due to system power
supply noise. The power supply filter schemes discussed in
this section should be adequate to eliminate power supply
noise related problems in most designs.
Driving Transmission Lines
The MPC9351 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 20
Ω the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to Motorola application note
AN1091. In most high performance clock networks
point-to-point distribution of signals is the method of choice.
In a point-to-point scheme either series terminated or parallel
terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a
50
Ω resistance to VCC÷2.
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the MPC9351 clock driver. For the series terminated
case however there is no DC current draw, thus the outputs
can drive multiple series terminated lines. Figure 7. “Single
versus Dual Transmission Lines” illustrates an output driving
a single series terminated line versus two series terminated
lines in parallel. When taken to its extreme the fanout of the
MPC9351 clock driver is effectively doubled due to its
capability to drive multiple lines.
Figure 7. Single versus Dual Transmission Lines
14
Ω
IN
MPC9351
OUTPUT
BUFFER
RS = 36Ω
ZO = 50Ω
OutA
14
Ω
IN
MPC9351
OUTPUT
BUFFER
RS = 36Ω
ZO = 50Ω
OutB0
RS = 36Ω
ZO = 50Ω
OutB1
The waveform plots in Figure 8. “Single versus Dual Line
Termination Waveforms” show the simulation results of an
output driving a single line versus two lines. In both cases the
drive capability of the MPC9351 output buffer is more than
sufficient to drive 50
Ω transmission lines on the incident
edge. Note from the delay measurements in the simulations a
delta of only 43ps exists between the two differently loaded
outputs. This suggests that the dual line driving need not be
used exclusively to maintain the tight output-to-output skew
of the MPC9351. The output waveform in Figure 8. “Single
versus Dual Line Termination Waveforms” shows a step in
the waveform, this step is caused by the impedance
mismatch seen looking into the driver. The parallel
combination of the 36
Ω series resistor plus the output
impedance does not match the parallel combination of the
line impedances. The voltage wave launched down the two
lines will equal:
VL = VS ( Z0 ÷ (RS+R0 +Z0))
Z0 = 50Ω || 50Ω
RS = 36Ω || 36Ω
R0 = 14Ω
VL = 3.0 ( 25 ÷ (18+17+25)
= 1.31V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.6V. It will then increment
towards the quiescent 3.0V in steps separated by one round
trip delay (in this case 4.0ns).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com