Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3VM-101PR Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3VM-101PR
Description  MOS FET Relays USOP Package with High Load voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-101PR Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3VM-101PR Datasheet HTML 1Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 2Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 3Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 4Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
G
3
V
M
6
1
P
R
@
/
7
1
P
R
/
8
1
P
R
/
1
0
1
P
R
I
U
S
O
P
G3VM-61PR@/71PR/81PR/101PR
MOS FET Relays
USOP Package with High Load voltage
USOP Package with
High Load voltage
• Load voltage 60V/75V/80V/100V
■Application Examples
■Ordering Information
Note: When ordering tape packing, add "(TR05)" (500pcs/reel) to the model number.
Ask your OMRON representative for orders under 500 pcs. We can supply products with the tape already cut.
Tape-cut USOPs are packaged without humidity resistance. Use manual soldering to mount them.
Refer to common precautions.
* The AC peak and DC value are given for the load voltage and continuous load current.
■Absolute Maximum Ratings (Ta = 25°C)
* The dielectric strength between the input and output was checked by applying voltage between all pins as a group on the LED side and all pins as a group on the
light-receiving side.
Note: The actual product is marked differently from the
image shown here.
RoHS Compliant
Refer to "Common Precautions".
■Package (Unit : mm, Average)
Note: The actual product is marked differently
from the image shown here.
■Model Number Legend
Package type
Contact form
Terminals
Load voltage
(peak value)
*
Continuous
load current
(peak value)
*
Packing/Tape cut
Packing/Tape & reel
Model
Minimum
package
quantity
Model
Minimum
package
quantity
USOP4
1a
(SPST-NO)
Surface-mounting
Terminals
60V
120mA
G3VM-61PR1
1 pc.
G3VM-61PR1(TR05)
500 pcs.
400mA
G3VM-61PR
G3VM-61PR(TR05)
75V
G3VM-71PR
G3VM-71PR(TR05)
80V
120mA
G3VM-81PR
G3VM-81PR(TR05)
100V
100mA
G3VM-101PR
G3VM-101PR(TR05)
Item
Symbol G3VM-61PR1 G3VM-61PR G3VM-71PR G3VM-81PR G3VM-101PR
Unit
Measurement conditions
LED forward current
IF
50
mA
LED forward current reduction rate
ΔIF/°C
−0.5
mA/°C
Ta
≥25°C
LED reverse voltage
VR
5V
Connection temperature
TJ
125
°C
Load voltage (AC peak/DC)
VOFF
60
75
80
100
V
Continuous load current (AC peak/DC)
IO
120
400
120
100
mA
ON current reduction rate
ΔIO/°C
−12
−4
−1.2
−1mA/°C Ta≥25°C
Pulse ON current
lop
360
1,200
360
300
mA
t=100ms, Duty=1/10
Connection temperature
TJ
125
°C
Dielectric strength between I/O
*
VI-O
500
Vrms
AC for 1 min
Ambient operating temperature
Ta
−40~+85
°C
With no icing or condensation
Ambient storage temperature
Tstg
−40~+125
°C
Soldering temperature
−
260
°C
10s
• Semiconductor test equipment
• Test & measurement equipment
• Communication equipment
• Data loggers
2.2
3.25
1.65
103
2PA
G3VM-
@ @ @ @ @
12 3 4 5
1. Load Voltage
6:
60V
7:
75V
8:
80V
10: 100V
2. Contact form
1:
1a (SPST-NO)
5. Other informations
When specifications overlap,
serial code is added in the
recorded order.
3. Package type
P: USOP 4 pin
4. Additional functions
R: Low On-resistance


Similar Part No. - G3VM-101PR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-101AR OMRON-G3VM-101AR Datasheet
591Kb / 4P
MOS FET Relays G3VM-101AR/DR
G3VM-101BR OMRON-G3VM-101BR Datasheet
506Kb / 3P
Compact, General-purpose, Analog-switching MOS FET Relays, with 2-A Switching.
G3VM-101BR OMRON-G3VM-101BR Datasheet
653Kb / 9P
MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
G3VM-101BR1 OMRON-G3VM-101BR1 Datasheet
653Kb / 9P
MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
G3VM-101CR OMRON-G3VM-101CR Datasheet
2Mb / 6P
MOS FET Relays DIP 8-pin, High-Current and Low-ON-resistance Type
More results

Similar Description - G3VM-101PR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-41HR OMRON-G3VM-41HR Datasheet
89Kb / 2P
MOS FET Relays
G3VM-81LR_1012 OMRON-G3VM-81LR_1012 Datasheet
258Kb / 4P
MOS FET Relays
G3VM-101HR OMRON-G3VM-101HR Datasheet
101Kb / 2P
MOS FET Relays
G3VM-401G OMRON-G3VM-401G_10 Datasheet
288Kb / 4P
MOS FET Relays
G3VM-21PR10 OMRON-G3VM-21PR10 Datasheet
681Kb / 3P
Smallest Class in market, USOP Package MOS FET Relays with Low Output Capacitance and ON Resistance
G3VM-41PR10 OMRON-G3VM-41PR10 Datasheet
687Kb / 3P
Smallest Class in market, USOP Package MOS FET Relays with Low Output Capacitance and ON Resistance
G3VM-41PR11 OMRON-G3VM-41PR11 Datasheet
715Kb / 3P
Smallest Class in market, USOP Package MOS FET Relays with Low Output Capacitance and ON Resistance ( CxR=5pF쨌廓)
G3VM-41PR12 OMRON-G3VM-41PR12 Datasheet
979Kb / 3P
Smallest Class in market, USOP Package MOS FET Relays with Low Output Capacitance and ON Resistance
G3VM-61PR1 OMRON-G3VM-61PR1 Datasheet
827Kb / 3P
Smallest Class in market, USOP Package MOS FET Relays with Low Output Capacitance and ON Resistance (CxR=7pF쨌廓)
G3VM401A OMRON-G3VM401A Datasheet
324Kb / 4P
Analog-switching MOS FET Relays with 400-V Load Voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com