Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3VM-101PR Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G3VM-101PR
Description  MOS FET Relays USOP Package with High Load voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-101PR Datasheet(HTML) 4 Page - Omron Electronics LLC

  G3VM-101PR Datasheet HTML 1Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 2Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 3Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 4Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
G3VM-61PR@/71PR/81PR/101PR
MOS FET Relays
G
3
V
M
6
1
P
R
@
/
7
1
P
R
/
8
1
P
R
/
1
0
1
P
R
I
U
S
O
P
■Engineering Data
Turn ON, Turn OFF time vs.
Ambient temperature
G3VM-61PR/61PR1
G3VM-71PR/81PR/101PR
Current leakage vs.
Load voltage
Output terminal capacitance
vs. Load voltage
G3VM-61PR/61PR1
G3VM-71PR/81PR/101PR
Current leakage vs. Ambient
temperature
G3VM-71PR
tON, tOFF - Ta
Ambient temperature Ta (°C)
(Average value)
10
100
1000
-40
-20
0
20
40
60
80
100
G3VM-61PR1
G3VM-61PR
G3VM-61PR1
VDD=10V
RL=200
Ω
IF=5mA
tON
tON
tOFF
tOFF
tON, tOFF - Ta
Ambient temperature Ta (°C)
(Average value)
10
100
1000
-40
-20
0
20
40
60
80
100
G3VM-101PR
G3VM-101PR
G3VM-71PR
G3VM-81PR
G3VM-81PR
G3VM-71PR
VDD=10V
RL=200
Ω
IF=5mA
tOFF
tON
tON
ILEAK - VOFF
Load voltage VOFF (V)
(Average value)
0
20
40
020 30
10
40 50
60 70
100
80 90
Ta=25°C
G3VM-101PR
G3VM-61PR
G3VM-61PR1
G3VM-71PR
G3VM-81PR
COFF - VOFF
Load voltage VOFF (V)
(Average value)
0
0.2
0.4
0.6
0.8
1
010
20
30
40
Ta=25°C
G3VM-61PR
G3VM-61PR1
COFF - VOFF
Load voltage VOFF (V)
(Average value)
0
0.2
0.4
0.6
0.8
1
010
20
30
40
G3VM-101PR
G3VM-71PR
G3VM-81PR
Ta=25°C
ILEAK - Ta
Ambient temperature Ta (°C)
(Average value)
VOFF=75V
1
10
100
1000
10000
020
-20
40
-40
60
80
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com