Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3VM-101PR Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3VM-101PR
Description  MOS FET Relays USOP Package with High Load voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-101PR Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3VM-101PR Datasheet HTML 1Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 2Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 3Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 4Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
G3VM-61PR@/71PR/81PR/101PR
MOS FET Relays
G
3
V
M
6
1
P
R
@
/
7
1
P
R
/
8
1
P
R
/
1
0
1
P
R
I
U
S
O
P
■Appearance / Terminal Arrangement / Internal Connections
■Dimensions (Unit: mm)
■Approved Standards
UL recognized
■Safety Precautions
•Refer to "Common Precautions" for all G3VM models.
■Appearance
■Terminal Arrangement/Internal Connections (Top View)
Note: The actual product is marked differently from the image shown here.
Note: The actual product is marked differently from the image shown here.
Actual Mounting Pad Dimensions
(Recommended Value, Top View)
Approved Standards
Contact form
File No.
UL recognized
1a
(SPST-NO)
E80555
2P1
103
USOP4 pin
USOP (Ultra Small Outline Package)
USOP (Ultra Small Outline Package)
OMRON mark
Pin 1 mark
Model name
*
LOT NO.
* Actual model name marking for
each model
Model
Marking
G3VM-61PR1
6P1
G3VM-61PR
6P0
G3VM-71PR
7P0
G3VM-81PR
8P0
G3VM-101PR
AP0
103
2PA
3.25
2.05
2.2
2.85
0.2
1.27
(0.4)
(0.35)
1.65
0.15
Surface-mounting Terminals
Weight: 0.03g
Unless otherwise specified, the dimensional
tolerance is ±0.2 mm.
2.9
0.85
0.8
1.27
Unless otherwise specified, the dimensional
tolerance is ±0.2 mm.
OMRON Corporation
Electronic and Mechanical Components Company
Regional Contact
Cat. No. K274-E1-03
0318(0115)(O)
Americas
Europe
https://www.components.omron.com/
http://components.omron.eu/
Asia-Pacific
China
https://ecb.omron.com.sg/
https://www.ecb.omron.com.cn/
Korea
Japan
https://www.omron-ecb.co.kr/
https://www.omron.co.jp/ecb/
In the interest of product improvement, specifications are subject to change without notice.
© OMRON Corporation 2015 All Rights Reserved.
Please check each region's Terms & Conditions by region website.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com