Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3VM-101PR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-101PR
Description  MOS FET Relays USOP Package with High Load voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-101PR Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-101PR Datasheet HTML 1Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 2Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 3Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 4Page - Omron Electronics LLC G3VM-101PR Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
G3VM-61PR@/71PR/81PR/101PR
MOS FET Relays
G
3
V
M
6
1
P
R
@
/
7
1
P
R
/
8
1
P
R
/
1
0
1
P
R
I
U
S
O
P
■Electrical Characteristics (Ta = 25°C)
* Turn-ON and Turn-OFF Times
■Recommended Operating Conditions
For usage with high reliability, Recommended Operation Conditions is a measure that takes into account the derating of Absolute
Maximum Ratings and Electrical Characteristics.
Each item on this list is an independent condition, so it is not simultaneously satisfy several conditions.
Item
Symbol
G3VM-61PR1 G3VM-61PR G3VM-71PR G3VM-81PR G3VM-101PR Unit
Measurement conditions
LED forward voltage
VF
Minimum
1.0
V
IF=10mA
Typical
1.15
Maximum
1.3
Reverse current
IR
Maximum
10
μAVR=5V
Capacity between terminals
CT
Typical
15
pF
V=0, f=1MHz
Trigger LED forward current
IFT
Typical
1.0
0.5
0.6
0.5
mA
IO=100mA
Maximum
3
Release LED forward current
IFC
Minimum
0.1
0.2
0.1
mA
IOFF=10
μA
Maximum resistance with output ON
RON
Typical
10
1
7
8
Ω
G3VM-61PR : IF=5mA,
Io=400mA
Others : IF=5mA,
Io=Continuous load current
ratings, t<1s
Maximum
15
1.5
12
14
Current leakage when the relay is open
ILEAK
Maximum
1
0.02
0.2
nA
VOFF=Load voltage ratings
Capacity between terminals
COFF
Typical
0.7
20
30
5
6
pF
G3VM-61PR : V=0,
f=1MHz, t<1s
Others : V=0, f=100MHz,
t<1s
Maximum
1.3
−
78
Capacity between I/O terminals
CI-O
Typical
0.4
0.3
0.4
pF
f=1MHz, VS=0V
Insulation resistance between I/O terminals
RI-O
Maximum
1000
M
Ω
VI-O=500VDC, ROH
≤60%
Typical
108
Turn-ON time
tON
Typical
0.04
0.3
0.4
0.14
0.12
ms
IF=5mA, RL=200
Ω,
VDD=20V
*
Maximum
0.2
0.520.5
0.3
Turn-OFF time
tOFF
Typical
0.12
0.3
0.2
0.16
0.18
Maximum
0.2
0.510.2
0.3
Item
Symbol
G3VM-61PR1
G3VM-61PR
G3VM-71PR
G3VM-81PR
G3VM-101PR
Unit
Load voltage (AC peak/DC)
VDD
Maximum
48
60
64
80
V
Operating LED forward current
IF
Minimum
5
mA
Typical
7.5
Maximum
20
Continuous load current (AC peak/DC)
IO
Maximum
120
400
120
100
Ambient operating temperature
Ta
Minimum
−20
°C
Maximum
65
VOUT
IF
t ON
t OFF
10%
90%
IF
1
2
4
3
RL
VDD
VOUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com