Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G914X Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G914X
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914X Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G914X Datasheet HTML 1Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ver: 1.2
Jun 30, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G914X
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VIN to GND……..………………..….….………-0.3V to +7V
Output Short-Circuit Duration.…..….……..…….….Infinite
All Other Pins to GND……….……….-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +25°C)
SOT 23-5 …………………………..…………...…..520 mW
Operating Temperature Range….…….-40°C to +85°C
Junction Temperature……………………………+150°C
θJA
(1)…....……………….……………….…..240°C/Watt
Storage Temperature Range…………-65°C to +160°C
Lead Temperature (soldering, 10sec)...….……+260°C
Note (1): See Recommended Minimum Footprint (Figure 2)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VIN=VOUT(STD)+1V, V SHDN =VIN, TA=TJ =25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNITS
Input Voltage (Note 2)
VIN
Note2
-
5.5
V
Variation from specified VOUT, IOUT=1mA,VOUT
≥2.5V version
-2
-
2
For G914H, IOUT=1mA
-3
-
3
Output Voltage Accuracy
VOUT
For G914G, IOUT=1mA
-4
-
4
%
Maximum Output Current
300
-
mA
Current Limit (Note 3)
ILIM
500
-
mA
ILOAD = 0mA
55
120
ILOAD = 50mA
145
Ground Pin Current
IQ
VIN =3.6V
ILOAD = 300mA
265
µA
IOUT = 1mA
2
IOUT = 50mA, VOUT
≥ 2.7V Version
70
VO (NOM)
≥ 3.0V
230
2.5V
≤VO (NOM) ≤2.85V
250
VO (NOM) = 1.8V
380
IOUT = 150mA
VO (NOM) = 1.5V
510
VO (NOM)
≥ 3.0V
450
600
2.5V
≤VO (NOM) ≤2.85V
500
660
VO (NOM) = 1.8V
760
960
Dropout Voltage (Note 4)
VDROP
IOUT =300mA
VO (NOM) = 1.5V
910 1220
mV
Line Regulation
∆VLNR
VIN=VOUT+100mV to 5.5V, IOUT= 1mA
0.1
0.28
%/V
IOUT = 1mA to 150mA
0.35
Load Regulation (Note 5)
∆VLDR
IOUT = 1mA to 300mA
2
%
Power Supply Rejection Ratio
PSRR
IOUT = 30mA CBYP = 10nF, f = 120HZ
57
dB
Output Voltage Temperature Coefficient ΔVO/ΔT IOUT = 50mA, TJ = 25°C to 125°C
30
ppm/°C
COUT = 1µF, IOUT = 150mA, CBYP=1nF
52
COUT = 1µF, IOUT = 150mA, CBYP=10nF
35
COUT = 1µF, IOUT = 150mA, CBYP= 100nF
30
Output Voltage Noise
(10Hz to 100kHz)
(G914H)
en
VIN=VOUT+1V
COUT = 1µF, IOUT = 1mA, CBYP = 10nF
26
µVRMS
SHUTDOWN
VIH
Regulator enabled
VIN-0.7
SHDN
Input Threshold
VIL
Regulator shutdown
0.4
V
SHDN
Input Bias Current
ISHDN
V SHDN = VIN
TA = +25°C
0.003
0.1
Shutdown Supply Current
IQ SHDN
VOUT = 0V
TA = +25°C
1
µA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
150
°C
Thermal Shutdown Hysteresis
∆TSHDN
15
°C
Note 1: Limits is 100% production tested at TA= +25°C. Low duty pulse techniques are used during test to
maintain junction temperature as close to ambient as possible.
Note 2: VIN (min)=VOUT (STD)+VDROPOUT
Note 3: Not tested. For design purposes, the current limit should be considered 400mA minimum to 600mA maximum.
Note 4: The dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT +1V. The
performance of every G914X version, see “Typical Performance Characteristics”.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for
load regulation in the load range from 1mA to 300mA. Changes in output due to heating effects are covered by the
thermal regulation specification.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com