Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G914X Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G914X
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914X Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

Back Button G914X Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 9Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Ver: 1.2
Jun 30, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G914X
Global Mixed-mode Technology Inc.
Layout Guide
An input capacitance of
≅ 1µF is required between the
G914X input pin and ground (the amount of the ca-
pacitance may be increased without limit), This ca-
pacitor must be located a distance of not more than
1cm from the input and return to a clean analog
ground.
Input capacitor can filter out the input voltage spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s
routing wire. Otherwise, the actual voltage at the IN
pin may exceed the absolute maximum rating.
The output capacitor also must be located a distance
of not more than 1cm from output to a clean analog
ground. Because it can filter out the output spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s
routing wire. Figure 5 is G914X PCB recommended
layout.
Figure 4 Safe Operating Area
Maximum Power Dissipation of SOT-23-5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature TA (°C)
Still Air
1oz Copper on SOT-23-5 Package
Mounted on recommended mimimum footprint (R
θ
JA=240°C/W)
Figure 4. Power Dissipation vs. Temperature
Figure 3. Safe Operating Area
Figure 5. Fixed Mode
*Distance between pin & capacitor must no more than 1cm
Figure 2. Recommended Minimum Footprint
0
50
100
150
200
250
300
350
400
0.1
0.4
0.7
1.0
1.3
1.6
1.9
2.2
Input-Output Voltage Differential VIN-VOUT (V)
Safe Operating Area [Power Dissipation Limit]
1oz Copper on SOT-23-5 Package
Mounted on recommended mimimum
footprint (RJA=240°C/W)
Still air
TA=85°C
TA=25°C
TA=55°C
Maximum Recommended Output Current
Note: VIN(max) <= 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com