Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G914X Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G914X
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914X Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G914X Datasheet HTML 1Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ver: 1.2
Jun 30, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G914X
Global Mixed-mode Technology Inc.
300mA Low-Noise LDO Regulators
Features
Ultra Low Output Noise
30µV (rms)
Ultra Low 55µA No-Load Supply Current
Ultra Low Dropout 70mV @ 50mA Load
Guarantee 300mA Output Current
Over-Temperature and Short-Circuit Protection
Fixed: 2.70V (G914A), 2.80V (G914B)
3.00V (G914C), 3.30V (G914D)
2.50V (G914E), 2.85V (G914F)
1.50V(G914G), 1.80V(G914H)
Max. Supply Current in Shutdown Mode < 1µA
Stable with low cost ceramic capacitors
Applications
Notebook Computers
Cellular Phones
PDA
Hand-Held Devices
Battery-Powered Application
General Description
The G914X is a low supply current, low dropout linear
regulator that comes in a space saving SOT23-5
package. The supply current at no-load is 55µA. In the
shutdown mode, the maximum supply current is less
than 1µA. Operating voltage range of the G914X is
from 2.5V to 5.5V. The over-current protection limit is
set at 500mA typical and 400mA minimum. An
over-temperature protection circuit is built-in in the
G914X to prevent thermal overload. These power
saving features make the G914X ideal for use in the
battery-powered applications such as notebook com-
puters, cellular phones, and PDA’s.
Ordering Information
ORDER
NUMBER
MARKING VOLTAGE
TEMP.
RANGE
PACKAGE
G914A
4Axx
2.70V
-40°C~ +85°C SOT 23-5
G914B
4Bxx
2.80V
-40°C~ +85°C SOT 23-5
G914C
4Cxx
3.00V
-40°C~ +85°C SOT 23-5
G914D
4Dxx
3.30V
-40°C~ +85°C SOT 23-5
G914E
4Exx
2.50V
-40°C~ +85°C SOT 23-5
G914F
4Fxx
2.85V
-40°C~ +85°C SOT 23-5
G914G
4Gxx
1.50V
-40°C~ +85°C SOT 23-5
G914H
4Hxx
1.80V
-40°C~ +85°C SOT 23-5
Pin Configuration
Typical Operating Circuit
OUT
BYP
SOT23-5
G914X
5
4
1
IN
2
3
GND
SHDN
IN
OUT
GND
SHDN
G914X
CIN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
Fixed mode
BYP
CBYP
10nF
OUT
BYP
SOT23-5
G914X
5
4
1
IN
2
3
GND
SHDN
IN
OUT
GND
SHDN
G914X
CIN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
Fixed mode
BYP
CBYP
10nF


Similar Part No. - G914X

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
G914X GMT-G914X_07 Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
300mA High PSRR, Low-Noise LDO Regulators
More results

Similar Description - G914X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G924 GMT-G924 Datasheet
427Kb / 9P
300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Linear Technology
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
300mA Low-Noise LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com