Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G914X Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G914X
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914X Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G914X Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 9Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ver: 1.2
Jun 30, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G914X
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
FUNCTION
1
IN
Regulator Input. Supply voltage can range from +2.5V to +5.5V. Bypass with 1µF to GND.
2
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground
plane to maximize thermal dissipation.
3
SHDN
Active-High Enable Input. A logic low reduces the supply current to less than 1µA. Connect to IN for
normal operation.
4
BYP
This is a reference bypass pin. It should connect external 10nF capacitor to GND to reduce out-
put noise. Bypass capacitor must be no less than 1nF. (CBYP
≥ 1nF)
5
OUT
Regulator Output. Sources up to 150mA. Bypass with a 1µF, <0.2
Ω typical ESR capacitor to
GND.
Detailed Description
The block diagram of the G914X is shown in Figure 1.
It consists of an error amplifier, 1.25V bandgap refer-
ence, PMOS output transistor, internal feedback volt-
age divider, shutdown logic, over current protection
circuit, and over temperature protection circuit.
The internal feedback voltage divider’s central tap is
connected to the non-inverting input of the error ampli-
fier. The error amplifier compares non-inverting input
with the 1.25V bandgap reference. If the feedback
voltage is higher than 1.25V, the error amplifier’s out-
put becomes higher so that the PMOS output transis-
tor has a smaller gate-to-source voltage (VGS). This
reduces the current carrying capability of the PMOS
output transistor, as a result the output voltage de-
creases until the feedback voltage is equal to 1.25V.
Similarly, when the feedback voltage is less than
1.25V, the error amplifier causes the output PMOS to
conduct more current to pull the feedback voltage up
to 1.25V. Thus, through this feedback action, the error
amplifier, output PMOS, and the voltage divider effec-
tively form a unity-gain amplifier with the feedback
voltage force to be the same as the 1.25V bandgap
reference. The output voltage, VOUT, is then given by
the following equation:
VOUT = 1.25 (1 + R1/R2).
(1)
Alternatively, the relationship between R1 and R2 is
given by:
R1 = R2 (VOUT / 1.25 + 1).
(2)
For the output voltage versions of G914X, the output
voltages are 2.7V for G914A, 2.8V for G914B, 3.0V for
G914C, 3.3V for G914D, and 2.5V for G914E, 2.85V
for G914F, 1.50V for G914G and 1.80V for G914H.
Figure 1. Functional Diagram
SHDN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
-
ERROR
AMP
+
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT
BYP
C
BYP
SHDN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
-
ERROR
AMP
+
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT
BYP
C
BYP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com