Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCONNECTOR Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # ZHCONNECTOR
Description  1.5 mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ZHCONNECTOR Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  ZHCONNECTOR Datasheet HTML 1Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 2Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 3Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZHCONNECTOR
ZH CONNECTOR
ZH CONNECTOR
ZH CONNECTOR
1.5 mm pitch/Disconnectable Crimp style connectors
Emboss Tape
4
0.5
2.2
1
1.4
1.1
ZHコネクタ表1
Material and Finish
Model No.
Applicable wire
Q’ty/
reel
mm2
AWG#
Insulation O.D. (mm)
0.8~1.1
0.5~0.9
28~26
32~28
0.08~0.13
0.032~0.08
SZH-002T-P0.5
SZH-003T-P0.5
Phosphor bronze, tin-plated (reflow treatment)
13,000
16,000
B
A
1.5
1.5
3.4
Circuit No.1
Material and Finish
PA 66, UL94V-0, natural (white)
B
A
Model No.
No. of
circuits
Dimensions (mm)
Q’ty/
bag
2
3
4
5
6
6
7
8
9
10
11
12
13
1.5
3.0
4.5
6.0
7.5
15.0
9.0
10.5
12.0
13.5
15.0
16.5
18.0
4.5
6.0
7.5
9.0
10.5
18.0
12.0
13.5
15.0
16.5
18.0
19.5
21.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
ZHR-2
ZHR-3
ZHR-4
ZHR-5
ZHR-6
*ZHR-6(3.0)
ZHR-7
ZHR-8
ZHR-9
ZHR-10
ZHR-11
ZHR-12
ZHR-13
Contact
Crimping
machine
AP-K2N
MKS-L
MK/SZH-002-05
MK/SZH-003-05
Applicator
Crimp applicator
Dies
APLMK SZH002-05
APLMK SZH003-05
Crimp applicator with dies
SZH-002T-P0.5
SZH-003T-P0.5
Contact
RoHS2 compliance
Housing
RoHS2 compliance
Note: 1. ZHR-6(3.0) means the 6-circuits housing with 3.0mm pitch and each
even number circuit is filled with the resin.
As for this housing, only circuit No.1 is marked.
2. ZHR-6(3.0) is not UL/CSA approved.
B
A
φ0.5
1.5
1.5
4.6
1.4
Circuit No.1
No. of
circuits
Model No.
Dimensions (mm)
A B
Material and Finish
Top entry
type
Top entry
type
Side entry
type
Side entry
type
Side entry
type-3.4
Q'ty/box
Pin: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
2
3
4
5
6
7
8
9
10
11
12
13
B2B-ZR
B3B-ZR
B4B-ZR
B5B-ZR
B6B-ZR
B7B-ZR
B8B-ZR
B9B-ZR
B10B-ZR
B11B-ZR
B12B-ZR
B13B-ZR
S2B-ZR
S3B-ZR
S4B-ZR
S5B-ZR
S6B-ZR
S7B-ZR
S8B-ZR
S9B-ZR
S10B-ZR
S11B-ZR
S12B-ZR
S13B-ZR
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
500
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
2,000
1,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
Note)
Top entry type
Note)
Side entry type
B2B-ZR-3.4
B3B-ZR-3.4
B4B-ZR-3.4
B5B-ZR-3.4
B6B-ZR-3.4
B7B-ZR-3.4
B8B-ZR-3.4
B9B-ZR-3.4
B10B-ZR-3.4
B11B-ZR-3.4
B12B-ZR-3.4
B13B-ZR-3.4
S2B-ZR-3.4
S3B-ZR-3.4
S4B-ZR-3.4
S5B-ZR-3.4
S6B-ZR-3.4
S7B-ZR-3.4
S8B-ZR-3.4
S9B-ZR-3.4
S10B-ZR-3.4
S11B-ZR-3.4
S12B-ZR-3.4
S13B-ZR-3.4
A 1.5
B
3.5
2.2
B
3.5
2.2
A
φ0.5
1.5
1.5
Circuit
No.1
Circuit
No.1
Through-hole type shrouded header
RoHS2 compliance This product displays (LF)(SN) on a label.
Note: Headers with 3.4mm long solder tails, suited for the 1.6mm thick
PC board.
Side entry type
Top entry type
<2 circuits>
<3 circuits or more>
2
Note: Contact JST for fully automatic crimping applicator.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com