Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCONNECTOR Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # ZHCONNECTOR
Description  1.5 mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ZHCONNECTOR Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  ZHCONNECTOR Datasheet HTML 1Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 2Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 3Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZHCONNECTOR
ZH CONNECTOR
ZH CONNECTOR
ZH CONNECTOR
1.5 mm pitch/Disconnectable Crimp style connectors
Emboss Tape
3
ZHCONNECTOR
ZH CONNECTOR
ZH CONNECTOR
ZH CONNECTOR
1.5 mm pitch/Disconnectable Crimp style connectors
Emboss Tape
1.5
1.5
A
B
φ1
0.9
5
1.5
1
Circuit No.1
Material and Finish
Pin: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 46, UL94V-0, natural (ivory)
B
A
Model No.
Side entry type
No. of
circuits
Dimensions (mm)
Q’ty/
reel
2
3
4
5
6
7
8
9
10
11
12
13
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
S2B-ZR-SM2-TF
S3B-ZR-SM2-TF
S4B-ZR-SM2-TF
S5B-ZR-SM2-TF
S6B-ZR-SM2-TF
S7B-ZR-SM2-TF
S8B-ZR-SM2-TF
S9B-ZR-SM2-TF
S10B-ZR-SM2-TF
S11B-ZR-SM2-TF
S12B-ZR-SM2-TF
S13B-ZR-SM2-TF
SM2 type
Side entry type
No. of
circuits
Material and Finish
Pin: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 6T, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
2
3
4
5
6
7
8
9
10
11
12
13
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Model No.
Top entry type
Side entry type
S2B-ZR-SM4A-TF
S3B-ZR-SM4A-TF
S4B-ZR-SM4A-TF
S5B-ZR-SM4A-TF
S6B-ZR-SM4A-TF
S7B-ZR-SM4A-TF
S8B-ZR-SM4A-TF
S9B-ZR-SM4A-TF
S10B-ZR-SM4A-TF
S11B-ZR-SM4A-TF
S12B-ZR-SM4A-TF
S13B-ZR-SM4A-TF
B2B-ZR-SM4-TF
B3B-ZR-SM4-TF
B4B-ZR-SM4-TF
B5B-ZR-SM4-TF
B6B-ZR-SM4-TF
B7B-ZR-SM4-TF
B8B-ZR-SM4-TF
B9B-ZR-SM4-TF
B10B-ZR-SM4-TF
B11B-ZR-SM4-TF
B12B-ZR-SM4-TF
B13B-ZR-SM4-TF
Dimensions (mm)
A
B
Q’ty/reel
Top entry
type
Side entry
type
A
B
2.25
1.5
5
Circuit No.1
1.5
5
1
1.5
A
B
2.25
Circuit No.1
Side entry type
SM4 type (with solder tabs)
Top entry type
SMT type shrouded header
RoHS2 compliance This product displays (LF)(SN) on a label.
Note: 1. PA 9T is used for some colored products.
2. The products listed above are supplied on embossed-tape.
3. Contact JST for the top entry type headers with suction cap.
RoHS2 compliance This product displays (LF)(SN) on a label.
SM2 type
SM4 type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com