Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCONNECTOR Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # ZHCONNECTOR
Description  1.5 mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ZHCONNECTOR Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  ZHCONNECTOR Datasheet HTML 1Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 2Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 3Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ZHCONNECTOR
ZH CONNECTOR
ZH CONNECTOR
ZH CONNECTOR
1.5 mm pitch/Disconnectable Crimp style connectors
Emboss Tape
Model number allocation
4
Form: S…Strip form
Series name
Applicable wire range: 002…AWG#28 to #26
           003…AWG#32 to #28
Surface finish: T…Tin-plated (reflow treatment)
Material: P…Phosphor bronze
Terminal size
ZH
S
- 002 T P
-
0.5
Contact
Series name
Part name: Receptacle
No. of circuits: 6
Pitch: 3 mm
Color: None…Natural (White)
ZHR- 6 (3.0) -
Housing with plugged up hole
Series name
Part name: Receptacle
No. of circuits: 2 to 13
Color: None…Natural (White), K…Black, R…Red, E…Blue, M…Green,
L…Lemon yellow, LE…Light blue, DO…Dark orange, H…Gray
ZH R 2
-
-
Housing
Shape of assembled product:
B…Top entry type
S…Side entry type
No. of circuits: 2 to 13
Part name: Header
Series name
Lead length: None…2.7 mm, 3.4…3.4 mm
Color: None…Natural (Ivory), K…Black, R…Red, E…Blue,
M…Green, Y…Yellow
B
-
-
2 B ZR
-
Header
Shape of assembled product:
B…Top entry type
S…Side entry type
No. of circuits: 2 to 13
Part name: Header
Series name
SMT specifications: SM4…With solder tab
Sub model number
Color: None…Natural (Ivory), K…Black, R…Red, E…Blue,
M…Green, L…Lemon yellow, LE…Light blue,
DO…Dark orange, DH…Dark gray
Packaging style: TF…Embossed-taping
Suction tape: None…Without suction tape, T…With suction tape
B
-
2 B ZR SM4
TF
-
-
-
SMT type Header (With solder tab)
Shape of assembled product:
S…Side entry type
No. of circuits: 2 to 13
Part name: Header
Series name
SMT specifications: SM2…With boss
Color: None…Natural (Ivory)
Packaging style: TF…Embossed-taping
B
-
-
2 ZR SM2
TF
S
-
-
SMT type Header
Note: Depending on the colors, it may take some time for delivery.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com