Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCONNECTOR Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # ZHCONNECTOR
Description  1.5 mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ZHCONNECTOR Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  ZHCONNECTOR Datasheet HTML 1Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 2Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 3Page - JST Mfg. Co., Ltd. ZHCONNECTOR Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZHCONNECTOR
ZH CONNECTOR
ZH CONNECTOR
ZH CONNECTOR
1.5 mm pitch/Disconnectable Crimp style connectors
Emboss Tape
ZHCONNECTOR
ZH CONNECTOR
ZH CONNECTOR
ZH CONNECTOR
1.5 mm pitch/Disconnectable Crimp style connectors
Emboss Tape
(7.1)
4.6
1.5±0.05
1.5 min.
φ0.7±0.03
φ0.7±0.03
1.5±0.05
3.5
1.5 min.
Top entry type
Side entry type
1.5×(N-1)+0.9
0.7 min.
1.5±0.05
0.9±0.05
φ1.1+0.10
(7.4)
1.5±0.05
1.3±0.1
1.5±0.1
0.7 min.
3.7
1.5±0.05
1.4±0.1
1.1±0.1
0.7 min.
(7.4)
SM2 type
Side entry type
Side entry type
SM4 type
Top entry type
The ZH connector is very small with
a mounting height of 5.6 mm and a thickness
of only 3.5 mm. Contact retention lances on
the housing make insertion easier, while
the dimple at the center of the contact
ensures reliable contact with the post.
● Compact, low profile design
● Housing lances
● Reliable contact construction
● Distortion resistant construction
● Compatible with the ZR insulation
displacement connectors
Specifications
• Current rating: 1.0 A AC/DC (AWG #26)
• Voltage rating: 50 V AC/DC
• Temperature range: -25℃ to +85℃
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 20 mΩ max.
After environmental tests/ 30 mΩ max.
• Insulation resistance: 500 MΩ min.
• Withstanding voltage: 500 VAC/minute
• Applicable wire: AWG #32 to #26
• Applicable PC board thickness: 0.6 to 1.2 mm, 1.6 mm
* In using the products, refer to "Handling Precautions for Terminals
and Connectors" described on our website (Technical documents
of Product information page).
* RoHS2 compliance
* Dimensional unit: mm
* Contact JST for details.
Standards
Recognized E60389
Certified LR20812
〈Through-hole type (viewed from soldering side) 〉
Note: 1. Tolerances are non-cumulative: ± 0.05 mm for all centers.
2. Hole dimension differ according to the type of PC board and piercing method. If PC boards made of hard material are used, the hole dimensions
should be larger. The dimensions above should serve as a guideline. Contact JST for details.
〈SMT type (viewed from connector mounting side) 〉
Note: 1. N...Number of circuits
2. Tolerances are non-cumulative: ± 0.05 mm for all centers.
3. The dimensions above should serve as a guideline. Contact JST for details.
1
®
®
®
®
®
PC board layout and Assembly layout


Similar Part No. - ZHCONNECTOR

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZHC1810 ZILOG-ZHC1810 Datasheet
861Kb / 22P
Slim Series SIR Transceiver
logo
Zetex Semiconductors
ZHCS1000 ZETEX-ZHCS1000 Datasheet
163Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
ZHCS1000 ZETEX-ZHCS1000 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZHCS1000 DIODES-ZHCS1000 Datasheet
174Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
OCTOBER 1997
ZHCS1000 DIODES-ZHCS1000 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
More results

Similar Description - ZHCONNECTOR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SHLV JST-SHLV Datasheet
159Kb / 2P
1.0 mm pitch/Disconnectable Crimp style connectors
SSHL-002T-P0.2 JST-SSHL-002T-P0.2 Datasheet
842Kb / 5P
1.25 mm pitch/Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com