Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ1AC Datasheet(PDF) 19 Page - Honeywell Solid State Electronics Center

Part # GLZ1AC
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AC Datasheet(HTML) 19 Page - Honeywell Solid State Electronics Center

Back Button GLZ1AC Datasheet HTML 12Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 13Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 14Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 15Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 16Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 17Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 18Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 19Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 20Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Limit and Enclosed Switches
A28
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Side Rotaries
The side rotary assemblies incorporate a feature for adjusting the
free position of the side rotary lever. The EN 50041body style allows
infinite adjustment and reclamp. The EN 50047 style allows clamp-
ing in 10° increments. See the following diagrams for details of the
mechanism in each case.
Standard EN 50041 body style
There are two lever mounting options: (1) By fully seating the lever in
one of the four 90° detent positions on the shaft hub which provides
positive lever retention; (2) By mounting the lever on the serrated
portion of the shaft (which enables the lever to be mounted in any
position).
To change the rotary lever’s free position: (1) Use a 3 mm hex Allen
wrench to loosen the Allen screw, as shown in the drawing above;
(2) Back off the lever 2 mm and move it to the desired free position;
(3) retighten the Allen screw; (4) Check to see if the free position is
satisfactory for the application; (5) Repeat the adjustment proce-
dure if necessary.
A teller tab located at the bottom of the lever (see diagram below)
helps prevent lever slippage. It enables the installer to detect the
correct tightening torque. When this tab cannot be moved, the Allen
screw has been tightened properly.
Miniature EN 50047 body style
A serrated coupling is used to set the lever free position in 10°
increments. This adjustment is achieved by: (1) Unscrewing the
combination head screw which holds the lever in place, taking care
not to lose any parts; (2) Readjust the assembly and rotate to the
desired free position; (3) Re-assemble and tighten the combination
screw. (4) Check that the free position is correct for the application
and repeat the adjustment procedure if necessary.
NOTE: The lever can be set in 90° increments by removing the lever
and rotating it to the desired 90° position.
EN 50041 Side Rotary Actuator Direction Adjustment
As furnished, GLS rotary switches will operate when the lever is
rotated from either the left or right. They can be field modified to
operate in one direction only (Clockwise CW; Counter clockwise
CCW) by following these steps: (1) Carefully remove the complete
head assembly; (2) Turn the head assembly upside down as shown
in the drawing below.
(3) Pull the plunger mechanism out and rotate it through 90° degree
increments until the alignment tab points to the desired function
(CW, CCW, or CW and CCW). (4) Push plunger mechanism in. (5)
Reassemble the head assembly and re-test the switch in your
application.
Replacement Instructions
All levers for side rotaries are available as replacment parts. All
basics, except the plug-in, can be replaced. All EN 50041heads can
be replaced. The replacement procedures for these components
are straightforward in nature.
Side Rotary Levers
Remove the old lever from the product being replaced. On EN 50041
product this is achieved by loosening the Allen screw holding the
lever on the shaft. On EN 50047 product this is achieved by un-
screwing the combination screw holding the lever on the shaft.
Replace the lever and tighten the Allen screw or combination screw.
Retest the switch in its application.
Heads
All EN 50041 style switch heads can be removed and replaced.
Remove the old head by unscrewing the four retaining screws on
the head assembly.
Ensure replacement part is identical to one being removed.
Re-test the assembly and ensure correct operation.
Basics
Non plug-in EN 50041 and three conduit EN 50047 body styles.
Basic switches can be removed and replaced by following this
procedure: (1) Remove the cover from the body; (2) Before dis-
connecting the switch wiring, carefully note the wiring arrangement
for your application, particularly the safety ground connection; (3)
Remove the basic switch retaining screw; (4) Remove the old basic
and replace it with the same thing; (5) Use the retaining screw to
install the new basic – ensure that it is correctly seated in the switch
body; (6) Wire the switch terminals as before; (7) Before replacing
the cover – ensure that the switch wires are not twisted or otherwise
lifted from the basic (to prevent them from becoming trapped when
the cover is replaced); then (8) Test the switch in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com