Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ1AC Datasheet(PDF) 17 Page - Honeywell Solid State Electronics Center

Part # GLZ1AC
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AC Datasheet(HTML) 17 Page - Honeywell Solid State Electronics Center

Back Button GLZ1AC Datasheet HTML 12Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 13Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 14Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 15Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 16Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 17Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 18Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 19Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 20Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Limit and Enclosed Switches
A26
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
LED Assemblies
Body
LED-Assembly
TYPE
Type
1-LED
2-LED
GLA
GLB
GLC
GLD
GLE
GLF
GLZ6F
GLG
GLH
GLZ6H
GLJ
Parts Description
Heads
GLZ1AA
Side Rotary Head
GLZ1AB
Top Pin Plunger Head
GLZ1AC
Top Roller Plunger Head
GLZ1AD
Roller Arm Head
GLZ1AE7A
Plastic Wobble Stick Head Assembly
GLZ1AE7B
Coil Wobble Stick Head Assembly
GLZ1AE7D
Coil Whisker Head Assembly
GLZ1AK8A
140mm Cat’s Whisker Head Assembly
GLZ1AK8B
190mm Cat’s Whisker Head Assembly
GLZ1AK8C
Cat’s Whisker Head Assembly
Basics
GLZ301
Snap Action SPDT (01)
GLZ302
Snap Action SPDT Plug-In (02) see Note 1 on page A25
GLZ303
SPDT Break Before Make (03)
GLZ304
SPDT Make Before Break (04)
GLZ312
Snap Action SPDT 1 LED Plug-In (12) see Note 1 on page A25
GLZ313
Snap Action SPDT 2 LED Plug-In (13) see Note 1 on page A25
GLZ320
Snap Action DPDT (20)
GLZ324
Snap Action DPDT for 3 Conduit (24)
Actuators
GLZ51A
Side Rotary Fixed Lever Nylon Roller Actuator
GLZ51B
Side Rotary Fixed Lever Steel Roller Actuator
GLZ52A
Side Rotary Adjustable Lever Nylon Roller Actuator
GLZ52B
Side Rotary Adjustable Lever Steel Roller Actuator
GLZ54J
Side Rotary Adjustable Rod Actuator
GLZ55B
Side Rotary Fixed Offset Lever Steel Roller
LED Assemblies
GLZ6F
Spare 1 LED Assembly for GLF...
GLZ6H
Spare 2 LED Assembly for GLH...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com