Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ1AC Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # GLZ1AC
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AC Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  GLZ1AC Datasheet HTML 1Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 2Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 3Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 4Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 5Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 6Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 7Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 8Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Limit and Enclosed Switches
Standards/How to read and understand the bar chart information
A12
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Standards
IEC 947-1 explains the general rules relating to Low-voltage
switchgear and controlgear. The purpose of this standard is to
harmonize as much as possible the product performance and test
requirements for equipment where the rated voltage does not ex-
ceed 1,000 VAC or 1,500 VDC.
IEC 947-5-1 is part 5 of the general rules which relates to Control-
circuit devices and switching elements. Also within this part there
is a section which considers Special Requirements For Control
Switches With Positive Opening Operation. Any control switch
which has this positive opening operation and conforms to these
special requirements will be marked on the outside of the product
with this symbol:
The Contact Element Form defines the configuration of the contacts
and the number of contacts within the switch. e.g.
Form Za – both contact elements have the same polarity.
Form Zb – the two contact elements are electrically
separated.
The Utilization Category defines the type of current carried (AC)
Alternating current, (DC) Direct current and the typical application in
which the switch is used e.g.
AC15 – Control of Electromagnetic Loads (less than 72VA)
DC13 – Control of electromagnets.
The contact rating Designation relates to the utilization categories
and defines the conventional thermal current lth (A), rated oper-
ational current le (A) at rated operational voltages Ue and the VA
rating e.g.
A600 – The ‘‘A’’ denotes the maximum VA rating (AC) and the
‘‘600’’ denotes the maximum rated (AC) voltage.
Q300 – The ‘‘Q’’ denotes the maximum VA rating (DC) and the
‘‘300’’ denotes the maximum rated (DC) voltage.
These IEC standards have been adopted by CENELEC (The Eu-
ropean Commitee for Electrotechnical Standardization) and have
been identified by replacing IEC with EN 60 e.g.
IEC 947-5-1 then becomes EN 60947-5-1.
CENELEC has defined the dimensions and characteristics of two
types of limit switch in the standards EN 50041 and EN 50047.
These standards relate to Low voltage switchgear and control-
gear for industrial use and define the enclosure dimensions, the
operating point for various head actuators, the earth terminal re-
quirement, the terminal marking and the minimum degree of IP
protection.
ELECTRICAL RATINGS
IEC947-5-1 / EN60947-5-1
Designation &
Rated operational current le (A)
VA
Utilization Category at rated operational voltage Ue
rating
120V 240V 380V 480V 500V 600V Make Break
AC15
A600
6
3
1.9 1.5 1.4 1.2
7200
720
AC15
A300
6
3
————
7200
720
AC15
B300
3
1.5
————
3600
360
AC14
D300
0.6 0.3
————
432
72
125V 250V
DC13
Q300
0.55 0.27
69
69
DC13
R300
0.22 0.1
28
28
How to read and understand the bar chart
information
The following example relates to a unit which has a snap action
basic and which has a roller pin plunger actuator i.e. GLCB01C.
When reading these bar charts follow these rules:
1. Check what type of actuator was used to test the product, this
is on the drawings which show the head style available. It will
be one of two types:
a) Vertical travel plunger
b) Linear cam travel
2. Start reading from top left of figure B, at the arrow labeled
‘‘A’’.
3. Follow the black arrows and the black strip on the chart. The
black strip indicates that there is a circuit between the termi-
nals whose numbers are shown on the left and when white
there is no circuit.
All dimensions are in mm/(inches).
Figure A
Figure B
Look at Figures A and B as examples. Actuator type used for test is
the linear Cam travel type (b) shown left. The start point is at the
arrow marked ‘‘A’’ (See fig. B). This shows the free position to be 5.3
mm from the vertical center line of the unit. At this stage there is a
circuit between the terminals 21-22 but no circuit between terminals
13-14. The unit can be actuated until it reaches the operating posi-
tion which is10.5 mm from the center line – a travel distance of10.5 –
5.3 = 5.2 mm from the free position. At this point the circuit arrange-
ment changes – no circuit between 21-22 but making a circuit
between 13-14. If, however, the contacts of terminals 21-22 weld
together and will not separate, a mechanical safety feature will take
effect if the switch is travelled past the point from which positive
opening is assured, 13.9 mm. As the switch returns it reaches the
release position at 8.9 mm from the center line. The circuit will
change back to the original state and the difference between the
operating position and the release position gives what is known as
the differential travel i.e. 10.5 – 8.9 = 1.6 mm. The asterisk (*)
indicates the point from which the positive opening is assured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com