Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ1AC Datasheet(PDF) 16 Page - Honeywell Solid State Electronics Center

Part # GLZ1AC
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AC Datasheet(HTML) 16 Page - Honeywell Solid State Electronics Center

Back Button GLZ1AC Datasheet HTML 12Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 13Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 14Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 15Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 16Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 17Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 18Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 19Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 20Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Limit and Enclosed Switches
Spare Parts for the GLS Series
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A25
To order spare parts for your particular GLS simply use the GLS number on the front of the switch to identify the construction used and
therefore the spare part you need.
For Example: The part No: GLAB01E7B
GLA
B
01
E7B
Wobble Head
01 Basic Snap Action
B Thread PG13.5
EN 50041 Body
For Example: The part No: GLDC04A1B
GLD
C
04
A1B
Fixed Side Rotary Steel Roller
04 Make Before Break Slow Action
C Thread 20 mm
EN 50047 Body
From the tables below it is possible to obtain replacement Basic Switches, Heads, Actuators, Levers and LED Assemblies.
Note: Spare parts should only be used to replace parts on existing listings. Honeywell accepts no liability for parts used in combinations not
recognized by Honeywell as valid listings.
Basic Switches
Body
Basic
Switch
Type
01
02
03
04
12
13
20
24
GLA
GLZ301
GLZ303
GLZ304
GLZ320
GLB
GLZ3021
GLC
GLZ301
GLZ303
GLZ304
GLD
GLZ301
GLZ303
GLZ304
GLE
GLZ301
GLZ303
GLZ304
GLZ324
GLF
GLZ301
GLZ303
GLZ304
GLG
GLZ3121
GLH
GLZ301
GLZ303
GLZ304
GLJ
GLZ3131
Note1: For these spares you will receive the front of the body with no head. To replace the faulty switch/LED assembly remove the old body and old head. Retrofit the head
onto the replacement and plug in the spare switch/LED assembly into the old base.
Heads
Body
Head
Types
Type
A
B
C
D
E7A
E7B
E7D
K8A
K8B
K8C
GLA
GLZ1AA
GLZ1AB
GLZ1AC
GLZ1AD GLZ1AE7A GLZ1AE7B GLZ1AE7D GLZ1AK8A GLZ1AK8B GLZ1AK8C
GLB
GLZ1AA
GLZ1AB
GLZ1AC
GLZ1AD GLZ1AE7A GLZ1AE7B GLZ1AE7D GLZ1AK8A GLZ1AK8B GLZ1AK8C
GLC
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
GLD
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
GLE
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
GLF
GLZ1AA
GLZ1AB
GLZ1AC
GLZ1AD GLZ1AE7A GLZ1AE7B GLZ1AE7D GLZ1AK8A GLZ1AK8B GLZ1AK8C
GLG
GLZ1AA
GLZ1AB
GLZ1AC
GLZ1AD GLZ1AE7A GLZ1AE7B GLZ1AE7D GLZ1AK8A GLZ1AK8B GLZ1AK8C
GLH
GLZ1AA
GLZ1AB
GLZ1AC
GLZ1AD GLZ1AE7A GLZ1AE7B GLZ1AE7D GLZ1AK8A GLZ1AK8B GLZ1AK8C
GLJ
GLZ1AA
GLZ1AB
GLZ1AC
GLZ1AD GLZ1AE7A GLZ1AE7B GLZ1AE7D GLZ1AK8A GLZ1AK8B GLZ1AK8C
Levers / Actuators (For GLZ1AA Head Type Only (side rotary))
Body
Lever
Actuator
Type
Type
1A
1B
2A
2B
4J
5B
GLA
GLZ51A
GLZ51B
GLZ52A
GLZ52B
GLZ54J
GLZ55B
GLB
GLZ51A
GLZ51B
GLZ52A
GLZ52B
GLZ54J
GLZ55B
GLC
N/A
N/A
N/A
N/A
N/A
N/A
GLD
N/A
N/A
N/A
N/A
N/A
N/A
GLE
N/A
N/A
N/A
N/A
N/A
N/A
GLF
GLZ51A
GLZ51B
GLZ52A
GLZ52B
GLZ54J
GLZ55B
GLG
GLZ51A
GLZ51B
GLZ52A
GLZ52B
GLZ54J
GLZ55B
GLH
GLZ51A
GLZ51B
GLZ52A
GLZ52B
GLZ54J
GLZ55B
GLJ
GLZ51A
GLZ51B
GLZ52A
GLZ52B
GLZ54J
GLZ55B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com