Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4H-R4-DC24VS Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # LC4H-R4-DC24VS
Description  DIN 48 SIZE LCD ELECTRONIC COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC4H-R4-DC24VS Datasheet(HTML) 3 Page - Panasonic Semiconductor

  LC4H-R4-DC24VS Datasheet HTML 1Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 2Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 3Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 4Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 5Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 6Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 7Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Part names
DOWN
UP
LOCK
RESET
LOCK
RST
OP.
COUNTER
LC4H
Controlled output indicator
Reset indicator
Lock indicator
Reset switch
Lock switch
Counter display
Set value display
Up keys
Down keys
12
345
6
7
8
DIP switches
(Same for screw terminal type)
LOCK
RESET
LOCK
RST
OP.
COUNTER
LC4H
Controlled output indicator
Reset indicator
Lock indicator
Reset switch
Lock switch
Counter display
Set value display
Up keys
12
345
6
7
8
DIP switches
(Same for screw terminal type)
Specifications
Item
Ralay output type
AC type
100 to 240 V AC, 24 V AC
50/60 Hz common
Max. 10 V A
5 A 250 V AC (resistive load)
Addition (UP)/Subtraction (DOWN)/Direction (DIR)/Individuality (IND)/Phase (PHASE)
5 modes selectable by DIP switch
30 Hz/5 kHz (selectable by DIP switch)
Min. input signal width: 16.7 ms at 30 Hz/0.1 ms at 5 kHz, ON time: OFF time = 1:1
Min. input signal width: 1 ms, 20 ms (selected by DIP switch)
Min. input signal width: 20 ms
Contact or Open collector input/Input impedance: 1 k
Ω or less, Input residual voltage: 2 V or less,
Open impedance: 100 k
Ω or more, Max. energized voltage: 40 V DC
HOLD-A/HOLD-B/HOLD-C/SHOT-A/SHOT-B/SHOT-C/SHOT-D (7 modes selectable by DIP switch)
Approx. 1 s
7-segment LCD, Counter value (backlight red LED), Setting value (backlight yellow LED)
4-digit display type –999 to 9999 (–3 digits to +4 digits) (0 to 9999 for setting)
6-digit display type –99999 to 999999 (–5 digits to 6 digits) (0 to 999999 for setting)
EEP-ROM (Overwriting times: 105 ope. or more)
1 Form C
100 m
Ω (at 1 A 6 V DC)
Ag alloy/Au flush
2
× 107 ope. (Except for switch operation parts)
105 ope. (At rated control voltage)
85 to 110 % of rated operating voltage
Between live and dead metal parts: 2,000 Vrms for 1 min (11-pin type)
Between input and output: 2,000 V AC for 1 min
Between live and dead metal parts: 2,000 Vrms for 1 min (11-pin type)
Between input and output: 2,000 Vrms for 1 min
Between open contacts: 1,000 Vrms for 1 min
Between live and dead metal parts: Min. 100 M
Ω (11-pin type)
Between input and output: Min. 100 M
Ω
Between open contact: Min. 100 M
Ω
Between live and dead metal parts: Min. 100 M
Ω (11-pin type)
Between input and output: Min. 100 M
Ω
Max. 65° C (under the flow of nominal operating current at nominal voltage)
10 to 55 Hz (1 cycle/min), single amplitude: 0.35 mm (10 min on 3 axes)
10 to 55 Hz (1 cycle/min), single amplitude: 0.75 mm (1 h on 3 axes)
1 Form A (Open collector)
—
—
—
107 ope. (At rated control voltage)
12 to 24 V DC
—
Max. 3 W
100 to 240 V AC, 24 V AC
50/60 Hz common
Max. 10 V A
100 mA 30 V DC
12 to 24 V DC
—
Max. 3 W
DC type
Transistor output type
AC type
DC type
Rating
Contact
Life
Electrical
Mechanical
Operating
conditions
Rated operating voltage
Rated frequency
Rated power consumption
Rated control capacity
Input mode
Max. counting speed
Counting input (Input 1, 2)
Reset input
Lock input
Input signal
Output mode
One shot output time
Indication
Digit
Memory
Contact arrangement
Initial contact resistance
Contact material
Mechanical (contact)
Electrical (contact)
Allowable operating voltage range
Break down voltage
(Initial value)
Insulation resistance
(At 500 V DC) (Initial
value)
Temperature rise
Functional
Destructive
Vibration
resistance
Min. 98 m 321.522 ft./s2 (4 times on 3 axes)
Min. 294 m 964.567 ft./s2 (5 times on 3 axes)
–10° C to 55° C +14° F to +131° F
Max. 85 % RH (non-condensing)
860 to 1,060 h Pa
—
8-pin/11-pin/screw terminal
IP66 (front panel with a rubber gasket)
20 % or less
—
20 % or less
Functional
Destructive
Ambient temperature
Ambient humidity
Air pressure
Ripple rate
Connection
Protective construction
Shock
resistance
LC4H/-L
• 4-digit display type
• 6-digit display type
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com