Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4H-R4-DC24VS Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # LC4H-R4-DC24VS
Description  DIN 48 SIZE LCD ELECTRONIC COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC4H-R4-DC24VS Datasheet(HTML) 7 Page - Panasonic Semiconductor

  LC4H-R4-DC24VS Datasheet HTML 1Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 2Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 3Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 4Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 5Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 6Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 7Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LC4H/-L
Operation modes
1. Input mode
For the input mode, you can choose one of the following five modes
• Addition
• Subtraction
• Directive
• Independent
• Phase
PHASE
IND
DIR
DOWN
UP
Input mode
Addition
UP
Subtraction
DOWN
Directive
DIR
Independent
IND
Phase
PHASE
Operation
*Minimum input signal width 30 Hz: 16.7 ms; 5 kHz: 0.1 ms
IN1 or IN2 works as an input block
(gate) for the other input.
• Example where IN1 is the count counting and IN2 is the input block (gate).
• Example where IN2 is the counting input and IN1 is the input block (gate).
* “A” must be more than the minimum input signal width.
* “A” must be more than the minimum input signal width.
* “B” must be more than the minimum input signal width.
* IN1 and IN2 are completely independent, so there is no restriction on signal
timing.
IN1 is the counting input and IN2 is the
addition or subtraction directive input.
IN2 adds at L level and subtracts at H
level.
IN1 is addition input and IN2 is subtrac-
tion input.
Addition when the IN1 phase advances
beyond IN2, and subtraction when the
IN2 phase advances beyond IN1.
01
2
3
n-3
n-2
n-1
n
n
n-1
n-2
n-3
3
2
1
0
H
L
H
L
IN1
IN2
Counting (subtraction)
Counting (addition)
Blocked
AA
A A
Reset
Count-up completed
AA
A A
n
n-1
n-2
n-4
n-3
0
1
01
2
4
3n
n-1
H
L
H
L
IN1
IN2
Counting (subtraction)
Counting (addition)
Blocked
Blocked
Reset
Count-up completed
H
L
H
L
Counting
IN1
IN2
Addition
Subtraction
Addition
AA
A A
01
2
3
4
3
2
1
01
2
3
4
Reset
Counting
IN1
IN2
H
L
H
L
01
2
34
3
2
1
12
2
3
Reset
Counting
IN1
IN2
BB
0
01
2
1
2
3
Reset
H
L
H
L
Phase advance
Phase retard
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com