Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4H-R4-DC24VS Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # LC4H-R4-DC24VS
Description  DIN 48 SIZE LCD ELECTRONIC COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC4H-R4-DC24VS Datasheet(HTML) 8 Page - Panasonic Semiconductor

  LC4H-R4-DC24VS Datasheet HTML 1Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 2Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 3Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 4Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 5Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 6Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 7Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2. Output mode
For the output mode, you can choose one of the following seven modes
• Maintain output/hold count
• Maintain output/over count I
• Maintain output/over count II
• One shot/over count
• One shot/recount I
• One shot/recount II
• One shot/hold count
SHOT-D
SHOT-C
SHOT-B
SHOT-A
HOLD-C
HOLD-B
HOLD-A
Output mode
Maintain output
Hold count
HOLD-A
Operation
(Example when input mode is either addition or subtraction)
Output control is maintained after
count-up completion and until resetting.
During that time, the count display does
not change from that at count-up com-
pletion.
* n: Set value
Maintain output
Over count I
HOLD-B
Output control is maintained after
count-up completion and until resetting.
However, counting is possible despite
completion of count-up.
* n: Set value
Maintain output
Over count II
HOLD-C
Output control is maintained after
count-up completion and until the next
signal enters. However, counting is
possible despite completion of count-
up.
* n: Set value
One shot
Over count
SHOT-A
Output control is maintained after
count-up completion for a fixed time
(approx. 1 sec). Counting is possible
despite completion of count-up.
* n: Set value
One shot
Recount I
SHOT-B
Output control is maintained after
count-up completion for a fixed time
(approx. 1 sec). Counting is possible
despite completion of count-up.
However, reset occurs simultaneous
with completion of count-up. While out-
put is being maintained, restarting of
the count is not possible
* n: Set value
One shot
Recount II
SHOT-C
Output control is maintained after
count-up completion for a fixed time
(approx. 1 sec). Counting is possible
despite completion of count-up.
However, reset occurs simultaneous
with output OFF.
* n: Set value
One shot
Hold count
SHOT-D
Output control is maintained after
count-up completion for a fixed time
(approx. 1 sec). During that time, the
count display does not change from
that at count-up completion. Reset
occurs simultaneous with output OFF.
* n: Set value
Counting (addition)
Counting (subtraction)
Counting able/unable
Output control
OFF
ON
n-3
n-2
n-1
n
32
1
0
Able
Unable
n-2
n-1
n
n+2
n+1
21
0
-2
-1
Able
Counting (addition)
Counting (subtraction)
Counting able/unable
Output control
OFF
ON
n-2
n-1
n
n+2
n+1
21
0
-2
-1
Able
Counting (addition)
Counting (subtraction)
Counting able/unable
Output control
OFF
OFF
ON
n-2
n-1
n
n+2
n+1
21
0
-2
-1
Able
Counting (addition)
Counting (subtraction)
Counting able/unable
Output control
OFF
OFF
ON
Approx. 1s
n-2
n-1
0
2
1
21
n
n-2
n-1
Reset (automatic)
Able
Counting (addition)
Counting (subtraction)
Counting able/unable
Output control
OFF
OFF
ON
Approx. 1s
n-1
n
n+1
1
0
10
-1
n-1
n
Reset (automatic)
Able
Counting (addition)
Counting (subtraction)
Counting able/unable
Output control
OFF
OFF
ON
Approx. 1s
n-1
n
1
0
10
n-1
n
Reset (automatic)
Approx. 1s
Able
Able
Unable
Counting (addition)
Counting (subtraction)
Counting able/unable
Output control
OFF
OFF
ON
LC4H/-L
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com