Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4H-R4-DC24VS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LC4H-R4-DC24VS
Description  DIN 48 SIZE LCD ELECTRONIC COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC4H-R4-DC24VS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LC4H-R4-DC24VS Datasheet HTML 1Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 2Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 3Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 4Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 5Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 6Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 7Page - Panasonic Semiconductor LC4H-R4-DC24VS Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
1. Bright and Easy-to-Read Display
A brand new bright 2-color backlight LCD
display. The easy-to-read screen in any
location makes checking and setting pro-
cedures a cinch.
2. Simple Operation
Seesaw buttons make operating the unit
even easier than before.
3. Short Body of only 64.5 mm 2.539
inch (screw type) or 70.1 mm 2.760
inch (pin type)
With a short body, it easily installs in
even narrow control panels.
4. Conforms to IP66’s Weather
Resistant Standards
The water-proof panel keeps out water
and dirt for reliable operation even in
poor environments.
5. Screw terminal and Pin Type are
Both Standard Options
The two terminal types are standard
options to support either front panel
installation or embedded installation.
6. Changeable Panel Cover
Also offers a black panel cover to meet
your design considerations.
7. 4-digit or 6-digit display
Two sizes of displays are offered for you
to choose the one that suits your needs.
8. Compliant with UL, c-UL and CE.
48
1.890
48
1.890
64.5
2.539
4-digit display
6-digit display
Pin type
Screw terminal type
Digit
Count speed
Output mode
Output
Operating voltage
Power down insurance
Terminal type
Part number
4
6
30 Hz (cps)/
5 KHz (Kcps)
switchable
• Maintain
output/hold count
• Maintain
output/over count I
• Maintain
output/over count II
• One shot/over
count
• One shot/recount I
• One shot/recount II
• One shot/hold
count
(7 modes)
Relay
(1c)
Transistor
(1a)
Relay
(1c)
Transistor
(1a)
100 to 240 V AC
12 to 24 V DC
100 to 240 V AC
12 to 24 V DC
100 to 240 V AC
12 to 24 V DC
100 to 240 V AC
12 to 24 V DC
24 V AC
24 V AC
24 V AC
24 V AC
Available
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
LC4H-R4-AC240V
LC4H-R4-AC240VS
LC4H-R4-DC24V
LC4H-R4-DC24VS
LC4H-T4-AC240V
LC4H-T4-AC240VS
LC4H-T4-DC24V
LC4H-T4-DC24VS
LC4H-R6-AC240V
LC4H-R6-AC240VS
LC4H-R6-DC24V
LC4H-R6-DC24VS
LC4H-T6-AC240V
LC4H-T6-AC240VS
LC4H-T6-DC24V
8 pins
8 pins
8 pins
8 pins
8 pins
8 pins
8 pins
8 pins
LC4H8-R4-AC240V
LC4H8-R4-DC24V
LC4H8-T4-AC240V
LC4H8-T4-DC24V
LC4H8-R6-AC240V
LC4H8-R6-DC24V
LC4H8-T6-AC240V
LC4H8-T6-DC24V
LC4H-T6-DC24VS
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
11 pins
Screw terminal
LC4H-R4-AC24V
LC4H-R4-AC24VS
LC4H-T4-AC24V
LC4H-T4-AC24VS
LC4H-R6-AC24V
LC4H-R6-AC24VS
LC4H-T6-AC24V
8 pins
8 pins
8 pins
8 pins
LC4H8-R4-AC24V
LC4H8-T4-AC24V
LC4H8-R6-AC24V
LC4H8-T6-AC24V
LC4H-T6-AC24VS
Product types
LC4H/-L
* A rubber gasket (ATC18002) and a mounting frame (AT8-DA4) are included.
mm inch
UL File No.: E122222
C-UL File No.: E122222
LC4H Counters
DIN 48 SIZE
LCD ELECTRONIC
COUNTER
LC4H/-L
Counters
RoHS Directive compatibility information
http://www.nais-e.com/
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - LC4H-R4-DC24VS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
High AC Voltage - High current
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
logo
Microsemi Corporation
LC40 MICROSEMI-LC40 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC40 MICROSEMI-LC40 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC40 MICROSEMI-LC40 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - LC4H-R4-DC24VS

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FDFD7409-1 APITECH-FDFD7409-1 Datasheet
610Kb / 2P
Electronic Counter Measurers
FDFD7409-2 APITECH-FDFD7409-2 Datasheet
671Kb / 2P
Electronic Counter Measurers
FDFD7409-6 APITECH-FDFD7409-6 Datasheet
716Kb / 3P
Electronic Counter Measurers
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
48-BIT QUADRATURE COUNTER
logo
SELEC Controls Pvt. Ltd
LXC900 SELEC-LXC900 Datasheet
158Kb / 1P
Miniature LCD Counter
XC10D SELEC-XC10D Datasheet
133Kb / 1P
Digital LCD Counter
XC410 SELEC-XC410 Datasheet
372Kb / 1P
Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
DIN 72X72 Digital Counter
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
DIN 72x72 COUNTER&METER
logo
Adlink Technology Inc.
CPCI-7248 ADLINK-CPCI-7248 Datasheet
297Kb / 1P
48-CH DIO & Timer/Counter Cards
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com